Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 68Page - STMicroelectronics STM8AL3136 Datasheet HTML 69Page - STMicroelectronics STM8AL3136 Datasheet HTML 70Page - STMicroelectronics STM8AL3136 Datasheet HTML 71Page - STMicroelectronics STM8AL3136 Datasheet HTML 72Page - STMicroelectronics STM8AL3136 Datasheet HTML 73Page - STMicroelectronics STM8AL3136 Datasheet HTML 74Page - STMicroelectronics STM8AL3136 Datasheet HTML 75Page - STMicroelectronics STM8AL3136 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
72/124
DocID18474 Rev 7
Table 27. Total current consumption and timing in Halt mode at VDD = 1.65 to 3.6 V
Symbol
Parameter
Condition(1)
Typ
Max
Unit
IDD(Halt)
Supply current in Halt mode
(ultra low power ULP bit =1 in
the PWR_CSR2 register)
TA = -40 °C to 25 °C
0.4
0.9(4)
μA
TA = 85 °C
0.9
2.8(2)
TA = 125 °C
4.4
13(2)
IDD(WUHalt)
Supply current during wakeup
time from Halt mode (using
HSI)
-2.4
-
mA
tWU_HSI(Halt)(3)(5)
Wakeup time from Halt to Run
mode (using HSI)
-4.7
7(4)
µs
tWU_LSI(Halt) (3)(5)
Wakeup time from Halt mode
to Run mode (using LSI)
-150
-
1. TA = -40 to 125 °C, no floating I/O, unless otherwise specified.
2. Tested at 85°C for temperature range A or 125°C for temperature range C.
3. ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register.
4. Data based on characterization results, not tested in production.
5. Wakeup time until start of interrupt vector fetch. The first word of interrupt routine is fetched 4 CPU cycles after tWU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com