Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 65Page - STMicroelectronics STM8AL3136 Datasheet HTML 66Page - STMicroelectronics STM8AL3136 Datasheet HTML 67Page - STMicroelectronics STM8AL3136 Datasheet HTML 68Page - STMicroelectronics STM8AL3136 Datasheet HTML 69Page - STMicroelectronics STM8AL3136 Datasheet HTML 70Page - STMicroelectronics STM8AL3136 Datasheet HTML 71Page - STMicroelectronics STM8AL3136 Datasheet HTML 72Page - STMicroelectronics STM8AL3136 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
DocID18474 Rev 7
69/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
Figure 14. Typ. IDD(Wait) vs. VDD, fCPU = 16 MHz 1)
1. Typical current consumption measured with code executed from Flash memory
Table 23. Total current consumption and timing in low-power run mode at VDD =1.65 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ
Max
Unit
IDD(LPR)
Supply current
in Low power
run mode
LSI RC osc.
(at 38 kHz)
all peripherals
OFF
TA = -40 °C to 25 °C
5.10
5.40(2)
μA
TA = 85 °C
6.80
11(3)
TA = 125 °C
13.40
20(3)
LSE (4) external
clock
(32.768 kHz)
all peripherals
OFF
TA = -40 °C to 25 °C
5.25
5.60(2)
TA = 85 °C
5.85
6.30(2)
TA = 125 °C
9.85
12.00(2)
1. No floating I/Os.
2. Data based on characterization results, not tested in production.
3. Tested at 85°C for temperature range A or 125°C for temperature range C.
4. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 33.
Table 24. Total current consumption in low-power wait mode at VDD = 1.65 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ
Max
Unit
IDD(LPW)
Supply current
in
Low power wait
mode
LSI RC osc.
(at 38 kHz)
all peripherals
OFF
TA = -40 °C to 25 °C
3.00
3.30(2)
μA
TA = 85 °C
4.40
9(3)
TA = 125 °C
11.00
18(3)
LSE external
clock(4)
(32.768 kHz)
all peripherals
OFF
TA = -40 °C to 25 °C
2.35
2.70(2)
TA = 85 °C
3.10
3.70(2)
TA = 125 °C
7.20
11.00(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com