Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 24Page - STMicroelectronics STM8AL3136 Datasheet HTML 25Page - STMicroelectronics STM8AL3136 Datasheet HTML 26Page - STMicroelectronics STM8AL3136 Datasheet HTML 27Page - STMicroelectronics STM8AL3136 Datasheet HTML 28Page - STMicroelectronics STM8AL3136 Datasheet HTML 29Page - STMicroelectronics STM8AL3136 Datasheet HTML 30Page - STMicroelectronics STM8AL3136 Datasheet HTML 31Page - STMicroelectronics STM8AL3136 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
Pin description
STM8AL313x/4x/6x STM8AL3L4x/6x
28/124
DocID18474 Rev 7
Table 4. Legend/abbreviation
Type
I= input, O = output, S = power supply
I/O level
TT
3.6 V tolerant
FT
Five-volt tolerant
Port and control
configuration
Input
– floating
– wpu = weak pull-up
– Ext. interrupt = external interrupt
Output
– HS = high sink/source
– OD = open drain (where T defines a true open drain)
– PP = push pull
Reset state
Underlined X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description
Pin number
Pin name
Input
Output
Default alternate
function
2
1
1 NRST/PA1(1)
I/O
-
-
X
-
HS
-
X Reset
PA1
32
2
PA2/OSC_IN/
[USART1_TX](4)/
[SPI1_MISO] (4)
I/O
-
X
X
X
HS
X
X Port A2
HSE oscillator input /
[USART1 transmit] /
[SPI1 master in- slave
out]
43
3
PA3/OSC_OUT/[USART1
_RX](4)/[SPI1_MOSI](4)
I/O
-
X
X
X
HS
X
X Port A3
HSE oscillator output
/ [USART1 receive]/
[SPI1 master
out/slave in]
5-
-
PA4/TIM2_BKIN/
LCD_COM0(2)/ADC1_IN2
/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port A4
Timer 2 - break input /
LCD COM 0 / ADC1
input 2 / Comparator
1 positive input
-4
4
PA4/TIM2_BKIN/
[TIM2_ETR](4)/
LCD_COM0(2)/
ADC1_IN2/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port A4
Timer 2 - break input /
[Timer 2 - trigger] /
LCD_COM 0 / ADC1
input 2 /
Comparator 1 positive
input
6-
-
PA5/TIM3_BKIN/
LCD_COM1(2)/ADC1_IN1
/COMP1_INP
I/O TT(3) X
X
X
HS
X
X Port A5
Timer 3 - break input /
LCD_COM 1 / ADC1
input 1/
Comparator 1 positive
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com