Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 16Page - STMicroelectronics STM8AL3136 Datasheet HTML 17Page - STMicroelectronics STM8AL3136 Datasheet HTML 18Page - STMicroelectronics STM8AL3136 Datasheet HTML 19Page - STMicroelectronics STM8AL3136 Datasheet HTML 20Page - STMicroelectronics STM8AL3136 Datasheet HTML 21Page - STMicroelectronics STM8AL3136 Datasheet HTML 22Page - STMicroelectronics STM8AL3136 Datasheet HTML 23Page - STMicroelectronics STM8AL3136 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
Functional overview
STM8AL313x/4x/6x STM8AL3L4x/6x
20/124
DocID18474 Rev 7
3.10
Digital-to-analog converter (DAC)
12-bit DAC with output buffer
Synchronized update capability using TIM4
DMA capability
External triggers for conversion
Input reference voltage VREF+ for better resolution
Note:
DAC can be served by DMA1.
3.11
Ultra-low-power comparators
The medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x embed two comparators
(COMP1 and COMP2) that share the same current bias and voltage reference. The voltage
reference can be internal or external (coming from an I/O).
One comparator with fixed threshold (COMP1).
One comparator rail to rail with fast or slow mode (COMP2). The threshold can be one
of the following:
DAC output,
External I/O,
Internal reference voltage or internal reference voltage sub multiple (1/4, 1/2, 3/4).
The two comparators can be used together to offer a window function. They can wake up
from Halt mode.
3.12
System configuration controller and routing interface
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports. TIM4 and ADC1 DMA channels can also be remapped.
The highly flexible routing interface allows application software to control the routing of
different I/Os to the TIM1 timer input captures. It also controls the routing of internal analog
signals to ADC1, COMP1, COMP2, DAC and the internal reference voltage VREFINT. It also
provides a set of registers for efficiently managing the charge transfer acquisition sequence
(see Section 3.13: Timers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com