Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 33Page - STMicroelectronics STM8AL3136 Datasheet HTML 34Page - STMicroelectronics STM8AL3136 Datasheet HTML 35Page - STMicroelectronics STM8AL3136 Datasheet HTML 36Page - STMicroelectronics STM8AL3136 Datasheet HTML 37Page - STMicroelectronics STM8AL3136 Datasheet HTML 38Page - STMicroelectronics STM8AL3136 Datasheet HTML 39Page - STMicroelectronics STM8AL3136 Datasheet HTML 40Page - STMicroelectronics STM8AL3136 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
DocID18474 Rev 7
37/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Memory and register map
54
have a fixed value: 0x3. The V125 measurement is performed at 125°C.
4. Refer to Table 9 for an overview of hardware register mapping, to Table 8 for details on I/O port hardware
registers, and to Table 10 for information on CPU/SWIM/debug module controller registers.
5.2
Register map
Table 6. Flash and RAM boundary addresses
Memory area
Size
Start address
End address
RAM
2 Kbyte
0x00 0000
0x00 07FF
Flash program memory
8 Kbyte
0x00 8000
0x00 9FFF
16 Kbyte
0x00 BFFF
32 Kbyte
Table 7. Factory conversion registers
Address
Block
Register label
Register name
Reset
status
0x00 4910
-
VREFINT_Factory_
CONV(1)
Internal reference voltage factory
conversion
0xXX
0x00 4911
-
TS_Factory_CONV_
V125(2)
Temperature sensor output voltage
0xXX
1. The VREFINT_Factory_CONV byte represents the 8 LSB of the result of the VREFINT 12-bit ADC conversion performed in
factory. The MSB have a fixed value: 0x6.
2. The TS_Factory_CONV_V125 byte represents the 8 LSB of the result of the V125 12-bit ADC conversion performed in
factory. The 2 MSB have a fixed value: 0x3.
Table 8. I/O port hardware register map
Address
Block
Register label
Register name
Reset
status
0x00 5000
Port A
PA_ODR
Port A data output latch register
0x00
0x00 5001
PA_IDR
Port A input pin value register
0xXX
0x00 5002
PA_DDR
Port A data direction register
0x00
0x00 5003
PA_CR1
Port A control register 1
0x01
0x00 5004
PA_CR2
Port A control register 2
0x00
0x00 5005
Port B
PB_ODR
Port B data output latch register
0x00
0x00 5006
PB_IDR
Port B input pin value register
0xXX
0x00 5007
PB_DDR
Port B data direction register
0x00
0x00 5008
PB_CR1
Port B control register 1
0x00
0x00 5009
PB_CR2
Port B control register 2
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com