Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 73Page - STMicroelectronics STM8AL3136 Datasheet HTML 74Page - STMicroelectronics STM8AL3136 Datasheet HTML 75Page - STMicroelectronics STM8AL3136 Datasheet HTML 76Page - STMicroelectronics STM8AL3136 Datasheet HTML 77Page - STMicroelectronics STM8AL3136 Datasheet HTML 78Page - STMicroelectronics STM8AL3136 Datasheet HTML 79Page - STMicroelectronics STM8AL3136 Datasheet HTML 80Page - STMicroelectronics STM8AL3136 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
DocID18474 Rev 7
77/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
Figure 16. LSE oscillator circuit diagram
Internal clock sources
Subject to general operating conditions for VDD, and TA.
High speed internal RC oscillator (HSI)
In the following table, data are based on characterization results and are not tested in
production, unless otherwise specified.
Table 34. HSI oscillator characteristics
Symbol
Parameter
Conditions(1)
1. VDD = 3.0 V, TA = -40 to 125 °C unless otherwise specified.
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.0 V
-
16
-
MHz
ACCHSI
HSI oscillator
user trimming
accuracy
Trimmed by the application for any VDD
and TA conditions
-1
-
1
%
HSI oscillator
accuracy (factory
calibrated)
VDD ≤ 1.8 V ≤ VDD ≤ 3.6 V,
-40 °C
≤ TA ≤ 125 °C
-5
-
5
TRIM
HSI user
trimming step(2)
2. The trimming step differs depending on the trimming code. It is usually negative on the codes which are
multiples of 16 (0x00, 0x10, 0x20, 0x30...0xE0). Refer to the AN3101 “STM8L05xxx/15xxx, STM8L162xx
and STM8AL31xx/3Lxx internal RC oscillator calibration” application note for more details.
Trimming code
≠ multiple of 16
-
0.4
0.7(2)
Trimming code = multiple of 16
-
±
1.5(2)
tsu(HSI)
HSI oscillator
setup time
(wakeup time)
--
3.7
6(3)
3. Data guaranteed by design, not tested in production.
µs
IDD(HSI)
HSI oscillator
power
consumption
-
-
100 140(3)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com