Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 97Page - STMicroelectronics STM8AL3136 Datasheet HTML 98Page - STMicroelectronics STM8AL3136 Datasheet HTML 99Page - STMicroelectronics STM8AL3136 Datasheet HTML 100Page - STMicroelectronics STM8AL3136 Datasheet HTML 101Page - STMicroelectronics STM8AL3136 Datasheet HTML 102Page - STMicroelectronics STM8AL3136 Datasheet HTML 103Page - STMicroelectronics STM8AL3136 Datasheet HTML 104Page - STMicroelectronics STM8AL3136 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 124 page
background image
DocID18474 Rev 7
101/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
tS
Sampling time
VAIN on PF0 fast
channel
VDDA < 2.4 V
0.43(4)(5)
--
µs
VAIN on PF0 fast
channel
2.4 V
≤VDDA≤ 3.6 V
0.22(4)(5)
--
VAIN on slow channels
VDDA < 2.4 V
0.86(4)(5)
--
VAIN on slow channels
2.4 V
≤VDDA≤ 3.6 V
0.41(4)(5)
--
tconv
12-bit conversion time
-
12000000 / fADC + tS
16 MHz
1(4)
--
tWKUP
Wakeup time from OFF
state
--
-
3
tIDLE(6)
Time before a new
conversion
--
-
s
tVREFINT
Internal reference
voltage startup time
--
-
refer to
Table 49
ms
1. The current consumption through VREF is composed of two parameters:
- one constant (max 300 µA)
- one variable (max 400 µA), only during sampling time + 2 first conversion pulses.
So, peak consumption is 300+400 = 700 µA and average consumption is 300 + [(4 sampling + 2) /16] x 400 = 450 µA at
1Msps
2. VREF- or VDDA must be tied to ground.
3. Guaranteed by design, not tested in production.
4. Minimum sampling and conversion time is reached for maximum Rext = 0.5 k
Ω..
5. Value obtained for continuous conversion on fast channel.
6. In STM8L05xx, STM8L15xx, STM8L162x, STM8AL31xx, STM8AL3Lxx, STM8AL31Exx and STM8AL3LExx MCU families
reference manual (RM0031), tIDLE defines the time between 2 conversions, or between ADC ON and the first conversion.
tIDLE is not relevant for this device.
Table 56. ADC1 characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com