Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3136 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 116Page - STMicroelectronics STM8AL3136 Datasheet HTML 117Page - STMicroelectronics STM8AL3136 Datasheet HTML 118Page - STMicroelectronics STM8AL3136 Datasheet HTML 119Page - STMicroelectronics STM8AL3136 Datasheet HTML 120Page - STMicroelectronics STM8AL3136 Datasheet HTML 121Page - STMicroelectronics STM8AL3136 Datasheet HTML 122Page - STMicroelectronics STM8AL3136 Datasheet HTML 123Page - STMicroelectronics STM8AL3136 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
DocID18474 Rev 7
121/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Revision history
123
12
Revision history
Table 69. Document revision history
Date
Revision
Changes
04-Jan-2012
1
Initial release
20-Dec-2012
2
Added consumption values when run from Flash or from RAM.
Added 8k Flash devices STM8AL3138 and STM8AL3136 to Table 1:
Device summary, Table 2: Medium-density STM8AL313x/4x/6x and
STM8AL3L4x/6x low-power device features and peripheral counts. and
Figure 50: Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
ordering information scheme1.
Added footnotes stating that power consumption has not been tested to
Table 21 and Table 22 for HSE, and to Table 23 and Table 24 for LSE.
Updated max LSI amperage values in Table 23 and Table 24.
Replaced Table 38: Flash program memory and Table 39: Data
memory.
Added a production test footnote to Table 50: TS characteristics.
Updated voltage values in Table 50: TS characteristics, and current
values in Table 51: Comparator 1 characteristics and Table 52:
Comparator 2 characteristics.
Removed Figure 13: Typ. IDD(LPR) vs. VDD (LSI clock source) and
Figure 14: Typ. IDD(LPW) vs. VDD (LSI clock source).
03-Jun-2013
3
Updated ‘Qualification conforms’ bullet on cover page.
Updated ‘TS_Factory_CONV’ in Figure 9: Memory map
Removed ‘rev G’ in Table 18: Operating lifetime (OLF) Ratings
Replaced 0.40 by 0.38 in Table 22: Total current consumption in Wait
mode ‘code executed from Flash’ fcpu = 125 kHz
Updated footnote (3) in Table 23: Total current consumption and timing
in low-power run mode at VDD =1.65 V to 3.6 V, Table 24: Total current
consumption in low-power wait mode at VDD = 1.65 V to 3.6 V and
Table 27: Total current consumption and timing in Halt mode at VDD =
1.65 to 3.6 V
Updated footnote (2) in Table 26: Typical current consumption in Active-
halt mode, RTC clocked by LSE external crystal
Updated max lLEAK_HSE in Table 30: HSE external clock
characteristics and Table 31: LSE external clock characteristics
Updated ACCHSI in Table 34: HSI oscillator characteristics
Updated tprog max Table 38: Flash program memory
Updated STABVREFINT in Table 49: Reference voltage characteristics
Updated ‘TS_Factory_CONV’ in Table 50: TS characteristics footnote.
Updated ‘tconv’ and ‘title’ in Table 56: ADC1 characteristics
Updated title in Table 57: ADC1 accuracy with VDDA = 2.5 V to 3.3 V
Updated Table 64: Electrical sensitivities
14-Jun-2013
4
Updated max LSI measures in Table 23: Total current consumption and
timing in low-power run mode at VDD =1.65 V to 3.6 V and Table 24:
Total current consumption in low-power wait mode at VDD = 1.65 V to
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com