Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWLC04 Datasheet HTML 3Page - STMicroelectronics STWLC04 Datasheet HTML 4Page - STMicroelectronics STWLC04 Datasheet HTML 5Page - STMicroelectronics STWLC04 Datasheet HTML 6Page - STMicroelectronics STWLC04 Datasheet HTML 7Page - STMicroelectronics STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics STWLC04 Datasheet HTML 10Page - STMicroelectronics STWLC04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STWLC04
Maximum ratings
DocID029626 Rev 2
7/18
3
Maximum ratings
Table 3: Absolute maximum ratings
Pin
Parameter
Value
Unit
AC1, AC2
Input AC voltage
-0.3 to 20
V
MOD1, MOD2
Modulation transistor voltage
-0.3 to 20
V
CLMP1, CLMP2
Clamp transistor voltage
-0.3 to 20
V
BOOT1, BOOT2
Voltage on bootstraps
AC1, AC2 -0.3;
AC1, AC2 + 6
V
BOOT
Voltage on bootstrap
VRECT-0.3;
VRECT + 6
V
VRECT
Rectified voltage
-0.3 to 20
V
VRESL, VSUPS
Current sensing resistor connection voltage
-0.3 to 20
V
VRESL-VSUPS
Voltage on the current sensing resistor
-0.3 to 2
V
VSUP
Input voltage of the buck converter
-0.3 to 20
V
LX
Buck converter switching node voltage
-0.3 to 20
V
RMOD, RMOD1
Resistive modulation current source and
transistor voltage
-0.3 to 20
V
FBGND
Internal feedback transistor VDS voltage
-0.3 to 20
V
VOUT
Output voltage range
-0.3 to 20
V
VFB
Buck converter feedback voltage
-0.3 to 3
V
VEXT, SWDRW
Detection pin for the external voltage and
driver output for the external transistor
-0.3 to 30
V
NTCRX
RX coil NTC voltage
-0.3 to 2.3
V
VA, VCORE
LDO1, 2 voltages
-0.3 to 2.3
V
V5V
LDO 3 voltage
-0.3 to 6
V
VIO
VIO voltage
-0.3 to 6
V
SCL, SDA, USBOK, INT,
RESET
Digital interface voltage
-0.3 to VIO+0.3
V
GPIO0, GPIO1, GPIO2,
GPIO3
General purpose I/O voltage
-0.3 to VIO+0.3
V
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating ambient temperature range
-40 to +85
°C
TJ
Maximum junction temperature
+125
°C
ESD
Machine model
±100
V
Charged device model
±500
V
Human body model
±2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com