Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 4 Page - STMicroelectronics

  STWLC04 Datasheet HTML 1Page - STMicroelectronics STWLC04 Datasheet HTML 2Page - STMicroelectronics STWLC04 Datasheet HTML 3Page - STMicroelectronics STWLC04 Datasheet HTML 4Page - STMicroelectronics STWLC04 Datasheet HTML 5Page - STMicroelectronics STWLC04 Datasheet HTML 6Page - STMicroelectronics STWLC04 Datasheet HTML 7Page - STMicroelectronics STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
STWLC04
4/18
DocID029626 Rev 2
2
Pin configuration
Figure 2: Pin configuration Flip Chip 77 bumps (3.12x4.73 mm)
Table 2: Pin description
Pin name
Pin position
Description
CSP 77L
AC1
F6, F7, G7
RX coil circuit terminal connection
AC2
E9, E10, E11
RX coil circuit terminal connection
MOD1
G6
Load modulation capacitor 1 connection
MOD2
F11
Load modulation capacitor 2 connection
CLMP1
G5
Clamping capacitor/resistor 1 connection
CLMP2
F9
Clamping capacitor/resistor 2 connection
RMOD
E7
Modulation current sink connection, internally connected to VRECT
RMOD1
G11
Load modulation external resistor connection.
RM resistor is not necessary for most applications
VRECT
F10, G10
Synchronous rectifier output
BOOT1
G8
Bootstrap capacitor connection for the rectifier
BOOT2
E8
Bootstrap capacitor connection for the rectifier
BOOT
G9
Bootstrap capacitor connection for the step-down converter
CLAMP
F8
Low power clamp connection
VSUP
A8, B8, B7
Power supply input for the step-down converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com