Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 1 Page - STMicroelectronics

  STWLC04 Datasheet HTML 1Page - STMicroelectronics STWLC04 Datasheet HTML 2Page - STMicroelectronics STWLC04 Datasheet HTML 3Page - STMicroelectronics STWLC04 Datasheet HTML 4Page - STMicroelectronics STWLC04 Datasheet HTML 5Page - STMicroelectronics STWLC04 Datasheet HTML 6Page - STMicroelectronics STWLC04 Datasheet HTML 7Page - STMicroelectronics STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2016
DocID029626 Rev 2
1/18
For further information contact your local STMicroelectronics sales
office
www.st.com
STWLC04
Qi based, 1 W optimized wireless power receiver
Data brief
Features
1 W output power
Qi 1.1 wireless standard communication
protocol based
Integrated high efficiency synchronous
rectifier
800 kHz programmable step-down converter
with input current and input voltage
regulation loop
Step-down converter efficiency up to 90%
Simplified Li-Ion/Polymer charger function
32-bit, 16 MHz embedded microcontroller
with 16 kB ROM and 2 kB RAM memory
2 kB NVM for customization
Integrated driver for external supply switch
Precise voltage and current measurements
for received power calculation
I2C interface
Configurable GPIO output
Rx coil NTC protection
Thermal protection
Low power dissipative rectifier overvoltage
clamp
Flip Chip 77 bumps (3.12x4.73 mm)
Applications
Wearable applications
Smart watches
Glasses
Medical and healthcare instrumentation
Description
The STWLC04 is an integrated wireless power
receiver suitable for wearable applications. The
device is designed for 1-watt power transfer
based on the Qi protocol, with digital control and
precise analog control loops ensuring stable
operation. The I2C interface allows a high degree
of customization and settings can be stored in the
embedded non-volatile memory.
The STWLC04 can deliver the output power in
two modes: as a power supply with configured
output voltage or as a simple CC/CV battery
charger with configurable charging current,
charging voltage and termination current. The
STWLC04 can detect the external (wired) power
supply connection and drive an external power
switch.
Table 1: Device summary
Order code
Description
Package
Packing
STWLC04JR
Wearable optimized 1 W output
Flip Chip 77 bumps (3.12x4.73 mm)
Tape and reel


Similar Part No. - STWLC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
STWLC03JR STMICROELECTRONICS-STWLC03JR Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
More results

Similar Description - STWLC04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
logo
STMicroelectronics
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
1 W Wearable wireless charger receiver based on STWLC04
21-Nov-2016
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com