Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STWLC04 Datasheet HTML 9Page - STMicroelectronics STWLC04 Datasheet HTML 10Page - STMicroelectronics STWLC04 Datasheet HTML 11Page - STMicroelectronics STWLC04 Datasheet HTML 12Page - STMicroelectronics STWLC04 Datasheet HTML 13Page - STMicroelectronics STWLC04 Datasheet HTML 14Page - STMicroelectronics STWLC04 Datasheet HTML 15Page - STMicroelectronics STWLC04 Datasheet HTML 16Page - STMicroelectronics STWLC04 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STWLC04
Application information
DocID029626 Rev 2
13/18
4.2.3
Load modulation capacitor selection (CM1, CM2)
These capacitors fulfill the backscatter modulation of the communication from the receiver
to the transmitter. X5R dielectrics type capacitors are suitable for this purpose.
4.2.4
Feedback resistor divider component selection (RFB1, RFB2)
Feedback voltage divider gives the ratio between the desired step-down converter output
voltage and the given feedback reference voltage. The RFB1 and RFB2 resistors should be
0.1% or 0.5% precision.
4.2.5
Rx NTC circuit component selection (RNTC, R1)
To protect the receiver coil from overtemperature, the STWLC04 is equipped with a
comparator input. If the input voltage crosses a certain level, the STWLC04 reacts
terminating the power transfer and sending an interrupt to the host system
– depending on
the configuration. The input voltage is given as a ratio from RNTC thermistor and R1
common resistor divider. The divider can be supplied from LDO1 (VA pin) filtering
capacitor.
4.2.6
Soft-start capacitor selection (C10)
The soft-start capacitor C10 connected to COMP pin influences the ramp-up time of the
step-down converter. The nominal VREF voltage is 1.2 V and the time needed to reach the
nominal voltage is given by the following equation:
Equation 3:
���������������������������������������� = ���� ∙ 106 ∙ ����������������[����, ����, −, ����]
Example: 470 nF ~ 560 ms
4.2.7
External supply transistor selection
The device contains the function of the connection external voltage supply directly to VOUT
by the external dual P-channel transistor back-to-back connected so to avoid the leakage
from VOUT to the external voltage supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com