Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STWLC04 Datasheet HTML 6Page - STMicroelectronics STWLC04 Datasheet HTML 7Page - STMicroelectronics STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics STWLC04 Datasheet HTML 10Page - STMicroelectronics STWLC04 Datasheet HTML 11Page - STMicroelectronics STWLC04 Datasheet HTML 12Page - STMicroelectronics STWLC04 Datasheet HTML 13Page - STMicroelectronics STWLC04 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application information
STWLC04
10/18
DocID029626 Rev 2
Figure 4: STWLC04 charger configuration
Before connecting the battery, the STWLC04 has to be configured as a battery
charger in NVM.
Table 5: STWLC04 recommended external components
Component
Manufacturer
Part Number
Value
Size
L1
Wurth
760308101208
13 uH
d10x1.68
mm
TDK
WR111118-36-F5-B1
18 μH
d11x1.4
mm
L2
TOKO
MFD160806-1R0
1 μH/600 mA
0603
C1
MURATA
4x GRM155R61H473KE19
47nF/X7R
0402
C2
MURATA
GRM155R71H332KA01
3.2 nF/C0G
0402
C3, C5
MURATA
GRM155R61A106ME11
10 μF/10 V
0402
C4
MURATA
GRM155R61A105KE15D
1 μF/10 V
0402
CBOOT1,
CBOOT2,
CBOOT, C11
MURATA
GRM033R61A104KE84D
100 nF/10 V
0201
C6, C7, C13
MURATA
GRM033R60J105MEA2D
1 µF/6.3 V
0201
C10
MURATA
GRM035R60J475ME15D
4.7 uF/6.3 V
0201
CM1
MURATA
GRM155R71H473KA12
47 nF/50 V
0402
CM2
MURATA
GRM155R71H472KA12
4.7 nF/50 V
0402
RCL1, RCL2
PANASONIC
ERJ-PA2J150V
15R
0402
CFB
MURATA
GRM0335C1H150JA01
15 pF
0201
RS
PANASONIC
P.10AKCT
0.1 Ω/1%
0402
R1
51 kΩ
0201
RFB1
STACKPOLE
RGC0201DTD150K-ND
150 kΩ
0201
RFB2
TE-CONNECTIVITY
7-2176074-1
30.9 kΩ
0201
RNTC
MURATA
100 kΩ
0402
CCHG (filter)
MURATA
3x GRM155R61A106ME11
10 μF/10 V
0402
LCHG (filter)
MURATA
LQB15NNR47J10D
470 nH
0402
RLOAD
100 Ω
0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com