Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 5 Page - STMicroelectronics

  STWLC04 Datasheet HTML 1Page - STMicroelectronics STWLC04 Datasheet HTML 2Page - STMicroelectronics STWLC04 Datasheet HTML 3Page - STMicroelectronics STWLC04 Datasheet HTML 4Page - STMicroelectronics STWLC04 Datasheet HTML 5Page - STMicroelectronics STWLC04 Datasheet HTML 6Page - STMicroelectronics STWLC04 Datasheet HTML 7Page - STMicroelectronics STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STWLC04
Pin configuration
DocID029626 Rev 2
5/18
Pin name
Pin position
Description
VSUPS
A7, C6
Sensing terminal of the external current sensing resistor
RESL
A6
Sensing terminal of the external current sensing resistor
VOUT
D5
Step-down output voltage
VFB
A5
Step-down feedback input
FBGND
B6
Ground connection of the resistor feedback divider for step-down
converter
LX
A11, B11, B10
Step-down converter coil connection
NTCRX
A3
Comparator input for RX coil temperature sensing
NTC thermistor has to be placed close to RX coil
VA
A4
LDO1 output to filtering capacitor. ADC supply and sensitive analog
circuitries are connected to this LDO; any external circuit cannot be
connected to this node
VCORE
F2
LDO2 output to filtering capacitor. The microcontroller core and logic
supply. VCORE voltage can be used as a reference voltage for the
RX coil NTC divider
V5V
A9, B9
LDO3 output to filtering capacitor
VIO
G1
VIO, power supply for the digital interface, can be connected to
VCORE or provided externally
SCL
D1
I2C clock input
SDA
D4
I2C data
GPIO0
D6
General purpose push-pull I/O pin. This function depends on firmware
configuration
GPIO1
E5
General purpose push-pull I/O pin. This function depends on firmware
configuration
GPIO2
E4
General purpose push-pull I/O pin. This function depends on firmware
configuration
GPIO3
E1
Open drain output only pin. This function depends on firmware
configuration
RESET
D2
Chip reset input, active low
INT
C3
Open drain interrupt output to the host platform
RPGND
D8, D9, D10,
D11
Rectifier power ground
BPGND
C8, C9, C10,
C11
Step-down converter power ground
GND
G2, F3
Digital ground
AGND
B4, C4, B5, C5
Analog ground
VEXT
A10
Detection of the external power supply voltage
– adapter/USB
voltage, 30 V spike tolerant
SWDRV
D7
External P-channel switch control to connect the adapter/USB voltage
to VOUT
USBOK
C2
Digital input for the USBOK signal from platforms
COMP
C7
Step-down converter soft-start capacitor connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com