Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics STWLC04 Datasheet HTML 10Page - STMicroelectronics STWLC04 Datasheet HTML 11Page - STMicroelectronics STWLC04 Datasheet HTML 12Page - STMicroelectronics STWLC04 Datasheet HTML 13Page - STMicroelectronics STWLC04 Datasheet HTML 14Page - STMicroelectronics STWLC04 Datasheet HTML 15Page - STMicroelectronics STWLC04 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application information
STWLC04
12/18
DocID029626 Rev 2
Figure 6: VIO and digital interface in platform application schematic
4.2
External passive component selection
4.2.1
Input resonant circuit component selection (L1, C1, C2)
RX coil selection should be optimized by the requested transferred power. The inductance
of the coil together with C1 and C2 capacitors create an input resonant circuit. Components
have to be carefully selected both to keep the resonant frequency compliant with the
wireless standard specification and also to deliver the power. For more details please see
wireless standard specifications.
The following equations list the resonant frequencies:
Equation 1:
�������� =
1
2 ∗ ���� ∗ √����1 ∗ ����1
Equation 2:
�������� =
1
2 ∗ ���� ∗ √����1 ∗ (
1
����1 +
1
����2)
It is recommended high grade ceramic capacitors to be used with C0G dielectrics type.
X5R, X7R capacitors can be used for 5 W output power applications.
4.2.2
Voltage clamp resistor selection (RCL1, RCL2)
The purpose of these resistors is to load the rectifier output by decreasing the rectified
voltage below overvoltage threshold
– hysteresis (VOVP-VOVPHYST), when VOVP is reached.
0.2 W resistors with pulse-withstanding character are recommended for this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com