Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STWLC04
Description  Qi based, 1 W optimized wireless power receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC04 Datasheet(HTML) 3 Page - STMicroelectronics

  STWLC04 Datasheet HTML 1Page - STMicroelectronics STWLC04 Datasheet HTML 2Page - STMicroelectronics STWLC04 Datasheet HTML 3Page - STMicroelectronics STWLC04 Datasheet HTML 4Page - STMicroelectronics STWLC04 Datasheet HTML 5Page - STMicroelectronics STWLC04 Datasheet HTML 6Page - STMicroelectronics STWLC04 Datasheet HTML 7Page - STMicroelectronics STWLC04 Datasheet HTML 8Page - STMicroelectronics STWLC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STWLC04
Introduction
DocID029626 Rev 2
3/18
1
Introduction
The STWLC04 is an advanced, integrated receiver IC for wireless power transceiver in
wearable applications optimized for 1 W. It works as a voltage source with regulated output
voltage, typically 5 V and can also be reconfigured into a simple battery charger mode
(CC/CV) to charge directly Li-Ion or Li-pol batteries. The STWLC04 can operate fully
autonomously or can be controlled through I2C by the host system. See the figure below.
Figure 1: Simplified block schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com