Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 65Page - STMicroelectronics STM32L072X8 Datasheet HTML 66Page - STMicroelectronics STM32L072X8 Datasheet HTML 67Page - STMicroelectronics STM32L072X8 Datasheet HTML 68Page - STMicroelectronics STM32L072X8 Datasheet HTML 69Page - STMicroelectronics STM32L072X8 Datasheet HTML 70Page - STMicroelectronics STM32L072X8 Datasheet HTML 71Page - STMicroelectronics STM32L072X8 Datasheet HTML 72Page - STMicroelectronics STM32L072X8 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 147 page
background image
DocID027100 Rev 3
69/147
STM32L072xx
Electrical characteristics
117
Table 32. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Condition
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD (Run
from RAM)
Supply current in Run
mode code executed
from RAM, Flash
memory switched off
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range3,
Vcore=1.2 V
VOS[1:0]=11
1175
230
µA
2315
360
4570
630
Range2,
Vcore=1.5 V
VOS[1:0]=10
40,71
0,78
mA
81,35
1,6
16
2,7
3
Range1,
Vcore=1.8 V
VOS[1:0]=01
81,7
1,9
16
3,2
3,7
32
6,65
7,1
MSI clock
Range3,
Vcore=1.2 V
VOS[1:0]=11
0,065
38
98
µA
0,524
105
160
4,2
615
710
HSI clock source
(16 MHz)
Range2,
Vcore=1.5 V
VOS[1:0]=10
16
2,85
3
mA
Range1,
Vcore=1.8 V
VOS[1:0]=01
32
6,85
7,3
1.
Guaranteed by characterization results
at 125 °C, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 33. Current consumption in Run mode vs code type,
code with data processing running from RAM(1)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
memory switched
off
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL on)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
570
µA
CoreMark
670
Fibonacci
410
while(1)
375
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
6,65
mA
CoreMark
6,95
Fibonacci
5,9
while(1)
5,2
1.
Guaranteed by characterization results, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com