Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 80Page - STMicroelectronics STM32L072X8 Datasheet HTML 81Page - STMicroelectronics STM32L072X8 Datasheet HTML 82Page - STMicroelectronics STM32L072X8 Datasheet HTML 83Page - STMicroelectronics STM32L072X8 Datasheet HTML 84Page - STMicroelectronics STM32L072X8 Datasheet HTML 85Page - STMicroelectronics STM32L072X8 Datasheet HTML 86Page - STMicroelectronics STM32L072X8 Datasheet HTML 87Page - STMicroelectronics STM32L072X8 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 147 page
background image
Electrical characteristics
STM32L072xx
84/147
DocID027100 Rev 3
6.3.7
Internal clock source characteristics
The parameters given in Table 47 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 26.
High-speed internal 16 MHz (HSI16) RC oscillator
Figure 25. HSI16 minimum and maximum value versus temperature
Table 47. 16 MHz HSI16 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
Frequency
VDD = 3.0 V
-
16
-
MHz
TRIM
(1)(2)
1. The trimming step differs depending on the trimming code. It is usually negative on the codes which are
multiples of 16 (0x00, 0x10, 0x20, 0x30...0xE0).
HSI16 user-
trimmed resolution
Trimming code is not a multiple of 16
-
0.4
0.7
%
Trimming code is a multiple of 16
-
-
1.5
%
ACCHSI16
(2)
2. Guaranteed by characterization results.
Accuracy of the
factory-calibrated
HSI16 oscillator
VDDA = 3.0 V, TA = 25 °C
-1(3)
3. Guaranteed by test in production.
-1(3)
%
VDDA = 3.0 V, TA = 0 to 55 °C
-1.5
-
1.5
%
VDDA = 3.0 V, TA = -10 to 70 °C
-2
-
2
%
VDDA = 3.0 V, TA = -10 to 85 °C
-2.5
-
2
%
VDDA = 3.0 V, TA = -10 to 105 °C
-4
-
2
%
VDDA = 1.65 V to 3.6 V
TA = − 40 to 125 °C
-5.45
-
3.25
%
tSU(HSI16)(2)
HSI16 oscillator
startup time
-
-
3.7
6
µs
IDD(HSI16)(2)
HSI16 oscillator
power consumption
-
-
100
140
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com