Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 15Page - STMicroelectronics STM32L072X8 Datasheet HTML 16Page - STMicroelectronics STM32L072X8 Datasheet HTML 17Page - STMicroelectronics STM32L072X8 Datasheet HTML 18Page - STMicroelectronics STM32L072X8 Datasheet HTML 19Page - STMicroelectronics STM32L072X8 Datasheet HTML 20Page - STMicroelectronics STM32L072X8 Datasheet HTML 21Page - STMicroelectronics STM32L072X8 Datasheet HTML 22Page - STMicroelectronics STM32L072X8 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
DocID027100 Rev 3
19/147
STM32L072xx
Functional overview
36
Temperature
sensor
OO
O
O
O
--
Comparators
O
O
O
O
O
O
--
16-bit timers
O
O
O
O
--
--
LPTIMER
O
O
O
O
O
O
IWDG
O
O
O
O
O
O
O
O
WWDG
O
O
O
O
--
--
Touch sensing
controller (TSC)
O
O
--
--
--
--
SysTick Timer
O
O
O
O
--
GPIOs
O
O
O
O
O
O
2 pins
Wakeup time to
Run mode
0 µs
0.36 µs
3 µs
32 µs
3.5 µs
50 µs
Consumption
VDD=1.8 to 3.6 V
(Typ)
Down to
140 µA/MHz
(from Flash
memory)
Down to
37 µA/MHz
(from Flash
memory)
Down to
8 µA
Down to
4.5 µA
0.4 µA (No
RTC) VDD=1.8 V
0.28 µA (No
RTC) VDD=1.8 V
0.8 µA (with
RTC) VDD=1.8 V
0.65 µA (with
RTC) VDD=1.8 V
0.4 µA (No
RTC) VDD=3.0 V
0.29 µA (No
RTC) VDD=3.0 V
1 µA (with RTC)
VDD=3.0 V
0.85 µA (with
RTC) VDD=3.0 V
1. Legend:
“Y” = Yes (enable).
“O” = Optional can be enabled/disabled by software)
“-” = Not available
2. The consumption values given in this table are preliminary data given for indication. They are subject to slight changes.
3. Some peripherals with wakeup from Stop capability can request HSI to be enabled. In this case, HSI is woken up by the
peripheral, and only feeds the peripheral which requested it. HSI is automatically put off when the peripheral does not need
it anymore.
4. UART and LPUART reception is functional in Stop mode. It generates a wakeup interrupt on Start. To generate a wakeup
on address match or received frame event, the LPUART can run on LSE clock while the UART has to wake up or keep
running the HSI clock.
5. I2C address detection is functional in Stop mode. It generates a wakeup interrupt in case of address match. It will wake up
the HSI during reception.
Table 5. Functionalities depending on the working mode
(from Run/active down to standby) (continued)(1)(2)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com