Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 13Page - STMicroelectronics STM32L072X8 Datasheet HTML 14Page - STMicroelectronics STM32L072X8 Datasheet HTML 15Page - STMicroelectronics STM32L072X8 Datasheet HTML 16Page - STMicroelectronics STM32L072X8 Datasheet HTML 17Page - STMicroelectronics STM32L072X8 Datasheet HTML 18Page - STMicroelectronics STM32L072X8 Datasheet HTML 19Page - STMicroelectronics STM32L072X8 Datasheet HTML 20Page - STMicroelectronics STM32L072X8 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 147 page
background image
DocID027100 Rev 3
17/147
STM32L072xx
Functional overview
36
Table 3. Functionalities depending on the operating power supply range
Operating power
supply range
Functionalities depending on the operating power supply range
DAC and ADC
operation
Dynamic
voltage scaling
range
I/O operation
USB
VDD = 1.65 to 1.71 V
ADC only,
conversion time
up to 570 ksps
Range 2 or
range 3
Degraded speed
performance
Not functional
VDD = 1.71 to 1.8 V(1)
1. CPU frequency changes from initial to final must respect "fcpu initial <4*fcpu final". It must also respect 5
μs delay between two changes. For example to switch from 4.2 MHz to 32 MHz, you can switch from 4.2
MHz to 16 MHz, wait 5 μs, then switch from 16 MHz to 32 MHz.
ADC only,
conversion time
up to 1.14 Msps
Range 1, range 2
or range 3
Degraded speed
performance
Functional(2)
VDD = 1.8 to 2.0 V(1)
Conversion time
up to 1.14 Msps
Range1, range 2
or range 3
Degraded speed
performance
Functional(2)
VDD = 2.0 to 2.4 V
Conversion time
up to
1.14 Msps
Range 1, range 2
or range 3
Full speed operation
Functional(2)
2. To be USB compliant from the I/O voltage standpoint, the minimum VDD_USB is 3.0 V.
VDD = 2.4 to 3.6 V
Conversion time
up to
1.14 Msps
Range 1, range 2
or range 3
Full speed operation
Functional(2)
Table 4. CPU frequency range depending on dynamic voltage scaling
CPU frequency range
Dynamic voltage scaling range
16 MHz to 32 MHz (1ws)
32 kHz to 16 MHz (0ws)
Range 1
8 MHz to 16 MHz (1ws)
32 kHz to 8 MHz (0ws)
Range 2
32 kHz to 4.2 MHz (0ws)
Range 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com