Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 30Page - STMicroelectronics STM32L072X8 Datasheet HTML 31Page - STMicroelectronics STM32L072X8 Datasheet HTML 32Page - STMicroelectronics STM32L072X8 Datasheet HTML 33Page - STMicroelectronics STM32L072X8 Datasheet HTML 34Page - STMicroelectronics STM32L072X8 Datasheet HTML 35Page - STMicroelectronics STM32L072X8 Datasheet HTML 36Page - STMicroelectronics STM32L072X8 Datasheet HTML 37Page - STMicroelectronics STM32L072X8 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 147 page
background image
Functional overview
STM32L072xx
34/147
DocID027100 Rev 3
independent from the CPU clock, allowing the I2C1/I2C3 to wake up the MCU from Stop
mode on address match.
Each I2C interface can be served by the DMA controller.
Refer to Table 12 for an overview of I2C interface features.
3.17.2
Universal synchronous/asynchronous receiver transmitter (USART)
The four USART interfaces (USART1, USART2, USART4 and USART5) are able to
communicate at speeds of up to 4 Mbit/s.
They provide hardware management of the CTS, RTS and RS485 driver enable (DE)
signals, multiprocessor communication mode, master synchronous communication and
single-wire half-duplex communication mode. USART1 and USART2 also support
SmartCard communication (ISO 7816), IrDA SIR ENDEC, LIN Master/Slave capability, auto
baud rate feature and has a clock domain independent from the CPU clock, allowing to
wake up the MCU from Stop mode using baudrates up to 42 Kbaud.
All USART interfaces can be served by the DMA controller.
Table 13 for the supported modes and features of USART interfaces.
Table 12. STM32L072xx I2C implementation
I2C features(1)
1. X = supported.
I2C1
I2C2
I2C3
7-bit addressing mode
X
X
X
10-bit addressing mode
X
X
X
Standard mode (up to 100 kbit/s)
X
X
X
Fast mode (up to 400 kbit/s)
X
X
X
Fast Mode Plus with 20 mA output drive I/Os (up to 1
Mbit/s)
XX(2)
2. See Table 16: STM32L072xxx pin definition on page 43 for the list of I/Os that feature Fast Mode Plus
capability
X
Independent clock
X
-
X
SMBus
X
-
X
Wakeup from STOP
X
-
X
Table 13. USART implementation
USART modes/features(1)
USART1 and USART2 USART4 and USART5
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous mode(2)
XX
Smartcard mode
X
-
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com