Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 67Page - STMicroelectronics STM32L072X8 Datasheet HTML 68Page - STMicroelectronics STM32L072X8 Datasheet HTML 69Page - STMicroelectronics STM32L072X8 Datasheet HTML 70Page - STMicroelectronics STM32L072X8 Datasheet HTML 71Page - STMicroelectronics STM32L072X8 Datasheet HTML 72Page - STMicroelectronics STM32L072X8 Datasheet HTML 73Page - STMicroelectronics STM32L072X8 Datasheet HTML 74Page - STMicroelectronics STM32L072X8 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 147 page
background image
DocID027100 Rev 3
71/147
STM32L072xx
Electrical characteristics
117
Table 35. Current consumption in Low-power run mode
Symbol
Parameter
Condition
fHCLK
(MHz)
Typ
Max(1) Unit
IDD
(LP Run)
Supply
current in
Low-power
run mode
All peripherals
OFF, code
executed from
RAM, Flash
memory switched
OFF, VDD from
1.65 to 3.6 V
MSI clock = 65 kHz,
fHCLK= 32 kHz
TA = − 40 to 25°C
0,032
9,45
12
µA
TA = 85°C
14
58
TA = 105°C
21
64
TA = 125°C
36,5
160
MSI clock = 65 kHz,
fHCLK= 65kHz
TA = − 40 to 25°C
0,065
14,5
18
TA = 85°C
19,5
60
TA = 105°C
26
65
TA = 125°C
42
160
MSI clock=131 kHz,
fHCLK= 131 kHz
TA = − 40 to 25°C
0,131
26,5
30
TA = 55°C
27,5
60
TA = 85°C
31
66
TA = 105°C
37,5
77
TA = 125°C
53,5
170
All peripherals
OFF, code
executed from
Flash memory,
VDD from 1.65 V
to 3.6 V
MSI clock = 65 kHz,
fHCLK= 32 kHz
TA = − 40 to 25°C
0,032
24,5
34
TA = 85°C
30
82
TA = 105°C
38,5
90
TA = 125°C
58
120
MSI clock = 65 kHz,
fHCLK= 65 kHz
TA = − 40 to 25°C
0,065
30,5
40
TA = 85°C
36,5
88
TA = 105°C
45
96
TA = 125°C
64,5
120
MSI clock =
131 kHz,
fHCLK= 131 kHz
TA = − 40 to 25°C
0,131
45
56
TA = 55°C
48
96
TA = 85°C
51
110
TA = 105°C
59,5
120
TA = 125°C
79,5
150
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com