Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 81Page - STMicroelectronics STM32L072X8 Datasheet HTML 82Page - STMicroelectronics STM32L072X8 Datasheet HTML 83Page - STMicroelectronics STM32L072X8 Datasheet HTML 84Page - STMicroelectronics STM32L072X8 Datasheet HTML 85Page - STMicroelectronics STM32L072X8 Datasheet HTML 86Page - STMicroelectronics STM32L072X8 Datasheet HTML 87Page - STMicroelectronics STM32L072X8 Datasheet HTML 88Page - STMicroelectronics STM32L072X8 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 147 page
background image
DocID027100 Rev 3
85/147
STM32L072xx
Electrical characteristics
117
High-speed internal 48 MHz (HSI48) RC oscillator
Low-speed internal (LSI) RC oscillator
Multi-speed internal (MSI) RC oscillator
Table 48. HSI48 oscillator characteristics(1)
1. VDDA = 3.3 V, TA = –40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
Frequency
-
48
-
MHz
TRIM
HSI48 user-trimming step
0.09(2)
0.14
0.2(2)
%
DuCy(HSI48) Duty cycle
45(2)
2. Guaranteed by design.
-55(2)
%
ACCHSI48
Accuracy of the HSI48
oscillator (factory calibrated
before CRS calibration)
TA = 25 °C
-4(3)
3. Guaranteed by characterization results.
-4(3)
%
tsu(HSI48)
HSI48 oscillator startup time
-
-
6(2)
µs
IDDA(HSI48)
HSI48 oscillator power
consumption
-
330
380(2)
µA
Table 49. LSI oscillator characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fLSI(1)
1. Guaranteed by test in production.
LSI frequency
26
38
56
kHz
DLSI(2)
2. This is a deviation for an individual part, once the initial frequency has been measured.
LSI oscillator frequency drift
0°C
 TA  85°C
-10
-
4
%
tsu(LSI)(3)
3. Guaranteed by design.
LSI oscillator startup time
-
-
200
µs
IDD(LSI)(3) LSI oscillator power consumption
-
400
510
nA
Table 50. MSI oscillator characteristics
Symbol
Parameter
Condition
Typ
Max Unit
fMSI
Frequency after factory calibration, done at
VDD= 3.3 V and TA = 25 °C
MSI range 0
65.5
-
kHz
MSI range 1
131
-
MSI range 2
262
-
MSI range 3
524
-
MSI range 4
1.05
-
MHz
MSI range 5
2.1
-
MSI range 6
4.2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com