Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 68Page - STMicroelectronics STM32L072X8 Datasheet HTML 69Page - STMicroelectronics STM32L072X8 Datasheet HTML 70Page - STMicroelectronics STM32L072X8 Datasheet HTML 71Page - STMicroelectronics STM32L072X8 Datasheet HTML 72Page - STMicroelectronics STM32L072X8 Datasheet HTML 73Page - STMicroelectronics STM32L072X8 Datasheet HTML 74Page - STMicroelectronics STM32L072X8 Datasheet HTML 75Page - STMicroelectronics STM32L072X8 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
Electrical characteristics
STM32L072xx
72/147
DocID027100 Rev 3
Figure 18. IDD vs VDD, at TA= 25 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS
Table 36. Current consumption in Low-power sleep mode
Symbol
Parameter
Condition
Typ
Max
(1)
Unit
IDD
(LP Sleep)
Supply current in
Low-power sleep
mode
All peripherals
OFF, code
executed from
Flash memory, VDD
from 1.65 to 3.6 V
MSI clock = 65 kHz,
fHCLK= 32 kHz,
Flash memory OFF
TA = −40 to 25°C 4,7
-
µA
MSI clock = 65 kHz,
fHCLK= 32 kHz
TA = −40 to 25°C
17
24
TA = 85°C
19,5
30
TA= 105°C
23
47
TA= 125°C
32,5
70
MSI clock = 65 kHz,
fHCLK= 65 kHz
TA= − 40 to 25°C
17
24
TA= 85°C
20
31
TA = 105°C
23,5
47
TA = 125°C
32,5
70
MSI clock = 131kHz,
fHCLK= 131 kHz
TA= − 40 to 25°C 19,5
27
TA = 55°C
20,5
28
TA = 85°C
22,5
33
TA = 105°C
26
50
TA= 125°C
35
73
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com