Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 3 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 3 Page - Microchip Technology

  PL613-01 Datasheet HTML 1Page - Microchip Technology PL613-01 Datasheet HTML 2Page - Microchip Technology PL613-01 Datasheet HTML 3Page - Microchip Technology PL613-01 Datasheet HTML 4Page - Microchip Technology PL613-01 Datasheet HTML 5Page - Microchip Technology PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005650A-page 3
PL613-01
TABLE 1-1:
AC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Crystal Input Frequency
XIN
10
—
40
MHz
Fundamental Crystal
Input Frequency
FIN
10
—
200
MHz
at VDD = 3.3V, ±10%
10
—
166
MHz
at VDD = 2.5V, ±10%
10
—
110
MHz
at VDD = 1.8V, ±10%
Input Signal Amplitude
—
0.8
—
VDD
VPP
Internally AC-Coupled
Output Frequency
—
1—
200
MHz
at VDD = 3.3V, ±10%
(High Drive)
1—
166
MHz
at VDD = 2.5V, ±10%
(High Drive)
1—
110
MHz
at VDD = 1.8V, ±10%
(High Drive)
Settling Time
—
—
—
2
ms
At power-up (VDD ≥ 90% of
operating VDD)
Output Enable Time
—
——
500
ns
OE function; TA = 25°C, 15 pF
load. Add one clock period to
this measurement for a usable
clock output.
——
2
ms
PDB function; TA = 25°C,
15 pF load.
VDD Sensitivity
—
–2
—
2
ppm
Frequency vs. VDD, ±10%
Output Rise Time
—
—
1.2
1.7
ns
15 pF load, 10/90% VDD, High
Drive, 3.3V
Output Fall Time
—
—
1.2
1.7
ns
15 pF load, 10/90% VDD, High
Drive, 3.3V
Duty Cycle
—
45
50
55
%
PLL-driven output, @ VDD/2,
15 pF load, High Drive, over
entire frequency range
Period Jitter (Note 1)
(10,000 Samples)
——
300
—
ps
Configuration-dependent, with
capacitive decoupling between
VDD and GND
Note 1:
Jitter performance depends on the programming parameters.
TABLE 1-2:
DC ELECTRICAL CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current (VDD = 3.3V)
IDD
—17
23
mA
All 8 outputs @ 20 MHz
No load
Supply Current (VDD = 2.5V)
IDD
—13.5
18
mA
All 8 outputs @ 20 MHz
No load
Supply Current (VDD = 1.8V)
IDD
—9.5
13
mA
All 8 outputs @ 20 MHz
No load
Supply Current
IDD
—
10
—
µA
When PDB = 0
Operating Voltage
VDD
2.97
3.3
3.63
V
Configured for 3.3V Operation
2.25
2.5
2.75
V
Configured for 2.5V Operation
1.62
1.8
1.98
V
Configured for 1.8V Operation
Output Low Voltage
VOL
——
0.4
V
IOL = +4 mA, Standard Drive,
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com