Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 9 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PL613-01 Datasheet HTML 5Page - Microchip Technology PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology PL613-01 Datasheet HTML 10Page - Microchip Technology PL613-01 Datasheet HTML 11Page - Microchip Technology PL613-01 Datasheet HTML 12Page - Microchip Technology PL613-01 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005650A-page 9
PL613-01
4.0
LAYOUT RECOMMENDATIONS
The following guidelines are designed to help create a
performance-optimized PCB design.
4.1
Signal Integrity and Termination
Considerations
• Keep traces short.
• Trace = Inductor. With capacitive loads, this
creates ringing.
• Long trace = long transmission line. Without
proper termination, this causes reflections that
look like ringing.
• Design long traces (greater than one inch) as
striplines or microstrips with defined impedance.
• Match trace at one side to avoid reflections
bouncing back and forth.
4.2
Decoupling and Power Supply
Considerations
• Place decoupling capacitors as close as possible
to the VDD pin(s) to limit noise from the power
supply.
• Multiple VDD pins should be decoupled separately
for best performance.
• The addition of resistors in series with VDD can
help prevent noise from other board sources.
- Traditionally, ferrite beads are used for this
purpose, but with the PL613-01 the results
are better when using resistors.
FIGURE 4-1:
Typical CMOS Termination.
FIGURE 4-2:
Crystal Tuning Circuit.
4.3
Layout Example
FIGURE 4-3:
PL613-01 Layout Example.
U1 = PL613-01 in QFN-16L. In this example, all eight
outputs are used.
C1a, C2a, C3a = 0.1 μF and C1b, C2b, C3b = 1 μF for
power supply decoupling. The vias connected to the
capacitors go to the ground plane inside the PCB.
Rp1, Rp2, Rp3 = 10Ω for power supply filtering. The
power supply filter is a first order low pass filter with
–3 dB at 30 kHz. It is important that the frequencies of
the loop bandwidth of the PLLs are filtered properly.
The loop bandwidth of the PLLs is in the range of
100 kHz to 1 MHz depending upon the programmed
configuration. The vias connected to Rp1, Rp2, and
Rp3 go to the VDD plane inside the PCB.
R0 ~ R7 = 30Ω for matching CLK0 ~ CLK7 outputs to
the PCB trace impedance. Place the resistors as close
as possible to the IC pins and design the traces to the
Typical CMOS Termination
Place Series Resistor as close as possible to CMOS output.
CMOS Output Buffer
To CMOS Input
Series Resistor
Use value to match output buffer impedance
Crystal Tuning Circuit
Series and parallel capacitors used to fine tune the crystal load to the circuit load.
Crystal
XIN
18
XOUT
CPT
CPT
CST
CST: Series Capacitor that is used to lower circuit load to match crystal load. Raises
frequency offset. This can be eliminated by using a crystal with a C
LOAD of equal or
greater value than the oscillator.
CPT: Parallel Capacitors that are used to raise the circuit load to match the crystal load.
Lowers frequency offset.
CLK4
CLK3
CLK2
CLK5
CLK6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com