Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 5 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 5 Page - Microchip Technology

  PL613-01 Datasheet HTML 1Page - Microchip Technology PL613-01 Datasheet HTML 2Page - Microchip Technology PL613-01 Datasheet HTML 3Page - Microchip Technology PL613-01 Datasheet HTML 4Page - Microchip Technology PL613-01 Datasheet HTML 5Page - Microchip Technology PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005650A-page 5
PL613-01
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
Package Types
Note 1:
^ denotes internal pull-up.
CLK0, FSELX^
VDD
GND
CLK1, OE2^
GND
XIN, FIN
XOUT
VDD
1
2
3
4
56
7
8
12
11
10
9
16
15
14
13
1
XIN, FIN
GND
CLK5, OE6^, CSEL0
CLK6, OEM^, PDB^
VDD
CLK7, OE0^, CSEL1
CLK0, FSELX
VDD
16 XOUT
VDD
CLK4
CLK3, OE4^
GND
CLK2
CLK1, OE2^
GND
15
14
13
12
11
10
9
2
3
4
5
6
7
8
PL613-01
16-PIN QFN
(TOP VIEW)
PL613-01
16-PIN TSSOP
(TOP VIEW)
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
QFN-16
Pin Number
TSSOP-16
Pin Name
Pin Type
(Note 1)
Description
17
CLK0,
FSELX
B
Programmable clock (CLK0) output or CLK2 frequency
switching (FSELX) input.
3, 6, 12
2, 9, 12
GND
P
Ground connection.
2, 9, 15
5, 8, 15
VDD
P
VDD connection.
410
CLK1,
OE2
B
Programmable clock (CLK1) output or Output Enable
(OE) input for CLK2.
5
11
CLK2
O
Programmable clock (CLK2) output.
713
CLK3,
OE4
B
Programmable clock (CLK3) output or Output Enable
(OE) input for CLK4.
8
14
CLK4
O
Programmable clock (CLK4) output.
10
16
XOUT
O
Crystal output pin. Do not connect when using FIN.
11
1
XIN, FIN
I
Crystal or reference clock input.
13
3
CLK5,
OE6,
CSEL0
B
Programmable clock (CLK5) output or Output Enable
(OE) input for CLK6 or configuration switching input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com