Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 17 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PL613-01 Datasheet HTML 12Page - Microchip Technology PL613-01 Datasheet HTML 13Page - Microchip Technology PL613-01 Datasheet HTML 14Page - Microchip Technology PL613-01 Datasheet HTML 15Page - Microchip Technology PL613-01 Datasheet HTML 16Page - Microchip Technology PL613-01 Datasheet HTML 17Page - Microchip Technology PL613-01 Datasheet HTML 18Page - Microchip Technology PL613-01 Datasheet HTML 19Page - Microchip Technology PL613-01 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005650A-page 17
PL613-01
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
X
Temperature
Device
Device:
PL613-01:
1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8
Output Clock IC
ID Code:
XXX =
Unique 3-digit code assigned at programming
time
Package:
O
=
16-Lead TSSOP
Q
=
16-Lead QFN
Temperature:
C
=
0°C to +70°C (Commercial)
I
=
–40°C to +85°C (Industrial)
Media Type:
blank=
Tube
TR =
Tape & Reel
XXX
ID Code
X
Package
XX
Media Type
Examples:
a) PL613-01-XXXOC:
1.8V to 3.3V, PicoPLL, 3-PLL,
200 MHz, 8 Output Clock IC
3-Digit ID Code, 16-Lead
TSSOP, Commercial
Temperature Range, Tube
b) PL613-01-XXXOI-TR:
1.8V to 3.3V, PicoPLL, 3-PLL,
200 MHz, 8 Output Clock IC
3-Digit ID Code, 16-Lead
TSSOP, Industrial
Temperature Range, Tape &
Reel
c) PL613-01-XXXQC-TR: 1.8V to 3.3V, PicoPLL, 3-PLL,
200 MHz, 8 Output Clock IC
3-Digit ID Code, 16-Lead QFN,
Commercial Temperature
Range, Tape & Reel
d) PL613-01-XXXQI:
1.8V to 3.3V, PicoPLL, 3-PLL,
200 MHz, 8 Output Clock IC
3-Digit ID Code, 16-Lead QFN,
Industrial Temperature Range,
Tube
e) PL613-01-XXXOC-TR: 1.8V to 3.3V, PicoPLL, 3-PLL,
200 MHz, 8 Output Clock IC
3-Digit ID Code, 16-Lead
TSSOP, Commercial
Temperature Range, Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com