Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 8 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PL613-01 Datasheet HTML 4Page - Microchip Technology PL613-01 Datasheet HTML 5Page - Microchip Technology PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology PL613-01 Datasheet HTML 10Page - Microchip Technology PL613-01 Datasheet HTML 11Page - Microchip Technology PL613-01 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PL613-01
DS20005650A-page 8
 2016 Microchip Technology Inc.
3.5
PDB (Power Down Control)
When activated, PDB disables all the PLLs, the
oscillator circuitry, counters, and all other active
circuitry. PDB activation disables all outputs and the IC
consumes <10 µA of power. The PDB input
incorporates a 10 MΩ pull-up resistor for normal
operation.
The PDB feature can be programmed to allow the
output to float (HiZ) or to operate in active-low mode.
The logic for PDB is shown in the following table:
Typical enable time from power down in <2 ms.
3.6
CSEL (On-the-Fly Configuration
Switching)
The PL613-01 can be programmed to allow switching
between four different configurations, allowing for
changes in the output frequencies. Many applications
(i.e. video/audio) can use the same design footprint,
but allow for configuration switching, adhering to
various standards. CSEL0 and CSEL1 are used in the
switching selection. These pins incorporate a 60 kΩ
pull-up resistor for normal operation. The logic for
configuration switching of the programmed parts is
shown below:
Typical enable time is <500 µs.
3.7
FSELX (On-the-Fly Output
Frequency Switching Between
Two Output Frequencies)
The PL613-01 is equipped with the FSELX feature to
allow frequency switching between two frequencies on
one of the output pins. Frequencies assigned to CLK1
and CLK2 can be switched when FSELX is activated
on CLK2 output. The logic for FSELX is shown below:
Typical enable time is <10 ns plus one clock period.
PDB
Pin
PDB Type
(Programmable)
Osc
PLL Output
0
0 (default)
Off
Off
HiZ
1Off
Off
Active
0
1
Normal Operation (default)
CSEL1
CSEL0
Programmed Configuration
00
0
01
1
10
2
1
1
3 (default)
FSELX
CLK2 Output
0
Frequency 2
1 (default)
Frequency 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com