Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 10 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology PL613-01 Datasheet HTML 10Page - Microchip Technology PL613-01 Datasheet HTML 11Page - Microchip Technology PL613-01 Datasheet HTML 12Page - Microchip Technology PL613-01 Datasheet HTML 13Page - Microchip Technology PL613-01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PL613-01
DS20005650A-page 10
 2016 Microchip Technology Inc.
target clock inputs as transmission lines (microstrip or
stripline) for the best signal integrity and the lowest
EMI.
When using ferrite beads instead of Rp1, Rp2, or Rp3,
make sure the resonance frequency of the bead with
the decoupling capacitors is below 50 kHz so as not to
interfere with the PLL loop bandwidth. This requirement
is difficult to fulfill, so it is recommended to use the
resistors Rp1, Rp2, and Rp3 for power supply filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com