Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 6 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PL613-01 Datasheet HTML 2Page - Microchip Technology PL613-01 Datasheet HTML 3Page - Microchip Technology PL613-01 Datasheet HTML 4Page - Microchip Technology PL613-01 Datasheet HTML 5Page - Microchip Technology PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology PL613-01 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PL613-01
DS20005650A-page 6
 2016 Microchip Technology Inc.
14
4
CLK6,
OEM, PDB
B
Programmable clock (CLK6) output or Output Enable
master (OEM) all clock outputs or power down mode
(PDB) input.
16
6
CLK7,
OE0,
CSEL1
B
Programmable clock (CLK7) output or Output Enable
(OE) input for CLK0 or configuration switching input.
Note 1:
All bidirectional buffers (I/Os) incorporate an internal 60 kΩ pull-up resistor when used as an input, except
when PDB mode is used. In configurations that use PDB, the PDB pin will have a 10 MΩ pull-up resistor.
TABLE 2-2:
KEY PROGRAMMING PARAMETERS
CLK[0:7]
Output Frequency
Output
Drive Strength
Programmable
Input/Output
CLK[0,3,6]:
FVCOx / (P*(1,2,4,8)),
FREF, or
FREF / (P*(1,2,4,8))
CLK[1,4,7]:
FVCOx / P
CLK[2,5]:
FVCOx / P,
FREF, or
FREF / P
Where FVCOx = FREF * M / R
M = 11 bit
R = 8 bit
P = 5 bit (odd/even divider)
Each output has three optional drive
strengths to choose from:
•Low: 4 mA
• Standard: 8 mA (default)
• High: 16 mA
Most pins are multi-function I/Os. In
addition to CLK, they can be configured
to perform as the following:
• OE[0,2,4,6]: Output Enable for
Individual I/Os.
• OEM: Master OE Controlling All
Outputs.
• CSEL[0:1]: Device Configuration
Switching.
• FSELX: CLK2 Frequency
Switching.
• PDB: Power Down.
• CLK[0:8]: Output.
• HiZ or Active-Low Disabled State.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
QFN-16
Pin Number
TSSOP-16
Pin Name
Pin Type
(Note 1)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com