Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL613-01 Datasheet(PDF) 4 Page - Microchip Technology

Part # PL613-01
Description  1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL613-01 Datasheet(HTML) 4 Page - Microchip Technology

  PL613-01 Datasheet HTML 1Page - Microchip Technology PL613-01 Datasheet HTML 2Page - Microchip Technology PL613-01 Datasheet HTML 3Page - Microchip Technology PL613-01 Datasheet HTML 4Page - Microchip Technology PL613-01 Datasheet HTML 5Page - Microchip Technology PL613-01 Datasheet HTML 6Page - Microchip Technology PL613-01 Datasheet HTML 7Page - Microchip Technology PL613-01 Datasheet HTML 8Page - Microchip Technology PL613-01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PL613-01
DS20005650A-page 4
 2016 Microchip Technology Inc.
Output High Voltage
VOH
2.4
—
—
V
IOL = –4 mA, Standard Drive,
3.3V
Output Current, Low Drive
IOLD
4—
—
mA
VOL = 0.4V, VOH = 2.4V, 3.3V
Output Current, Standard Drive
IOSD
8—
—
mA
VOL = 0.4V, VOH = 2.4V, 3.3V
Output Current, High Drive
IOHD
16
—
—
mA
VOL = 0.4V, VOH = 2.4V, 3.3V
TABLE 1-2:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
TABLE 1-3:
CRYSTAL CHARACTERISTICS
Parameters
Symbol
Min.
Typ.
Max.
Units
Fundamental Crystal Resonator Frequency
FXIN
10
—
40
MHz
Crystal Loading Rating
CL(XTAL)
—15—
pF
Operating Drive Level
—
—
0.1
2
mW
Metal Can Crystal, Shunt Capacitance
C0
—
—
5.5
pF
Metal Can Crystal, ESR Max.
ESR
—
—
40
Ω
Small SMD Crystal, Shunt Capacitance
C0
—
—
2.5
pF
Small SMD Crystal, ESR Max.
ESR
—
—
60
Ω
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature Range
TS
–65
—
+150
°C
—
Soldering Temperature
—
—
—
+260
°C
—
Ambient Operating Temperature Range
TA
–40
—
+85
°C
—
Note 1:
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended
periods may cause permanent damage to the device and affect product reliability. These conditions
represent a stress rating only, and functional operations of the device at these or any other conditions
above the operational limits noted in this specification is not implied. Operating temperature is guaranteed
by design. Parts are tested to commercial grade only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com