Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 4Page - STMicroelectronics HTS221 Datasheet HTML 5Page - STMicroelectronics HTS221 Datasheet HTML 6Page - STMicroelectronics HTS221 Datasheet HTML 7Page - STMicroelectronics HTS221 Datasheet HTML 8Page - STMicroelectronics HTS221 Datasheet HTML 9Page - STMicroelectronics HTS221 Datasheet HTML 10Page - STMicroelectronics HTS221 Datasheet HTML 11Page - STMicroelectronics HTS221 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Sensor parameters and electrical specifications
HTS221
8/33
DocID026333 Rev 4
2
Sensor parameters and electrical specifications
Conditions at VDD = 2.5 V, T = 25 °C, unless otherwise noted.
Table 3. Humidity and temperature parameter specifications
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Hop
Operating humidity range
0
–
100
% rH
Hbit
Humidity output data
16
–
bit
Hs
Humidity sensitivity
0.004
%rH/LSB
256
LSB/%rH
Hacc
Humidity accuracy(2)
20 to 80% rH
±3.5
% rH
0 to 100% rH
±5
Hnoise
Humidity noise(3)
0.03
RMS
Hhys
Humidity hysteresis
±1
% rH
Hstep
Humidity response time(4)
t @ 63%
10
s
Hdrift
Humidity long-term drift
20 to 80% rH
0.5
%rH/yr
Top
Operating temperature range
-40
–
120
°C
Tbit
Temperature output data
–
16
–
bit
Ts
Temperature sensitivity
0.016
°C/LSB
64
LSB/°C
Tacc
Temperature accuracy
15 to 40 °C
±0.5
°C
0 to 60 °C
±1
Tnoise
Temperature noise(3)
0.007
RMS
Tstep
Temperature response time
t @ 63%
15
s
Tdrift
Temperature long-term drift
T = 0 to 80 °C
0.05
°C/yr
ODR
Humidity and temperature digital output
data rate
1/7/12.
5
Hz
1. Typical specifications are not guaranteed
2. Accuracy in non condensing environment including hysteresis
3. Default value; noise value can be modified by AV_CONF (10h)
4. Valid at 25 °C and 1 m/s airflow
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ.(1)
Max.
Unit
VDD
Supply voltage
1.7
–
3.6
V
IDD
Supply current (2)
1 Hz, 25 °C, 2.5 V
2
μA
IDDPDN
Supply current in power-down mode
T = 25 °C
25 °C, 2.5 V
–
0.5
–
μA
1. Typical specifications are not guaranteed
2. Refer to Table 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com