Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 14 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 10Page - STMicroelectronics HTS221 Datasheet HTML 11Page - STMicroelectronics HTS221 Datasheet HTML 12Page - STMicroelectronics HTS221 Datasheet HTML 13Page - STMicroelectronics HTS221 Datasheet HTML 14Page - STMicroelectronics HTS221 Datasheet HTML 15Page - STMicroelectronics HTS221 Datasheet HTML 16Page - STMicroelectronics HTS221 Datasheet HTML 17Page - STMicroelectronics HTS221 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Digital interfaces
HTS221
14/33
DocID026333 Rev 4
5
Digital interfaces
The registers embedded in the HTS221 may be accessed through both the I²C and SPI
3-wire serial interfaces.
The serial interfaces are mapped onto the same pins.To select the I²C interface, the CS line
must be tied high (i.e. connected to VDD) or unconnected (internal pull-up); to select the SPI
interface, the CS line must be tied low (i.e. connected to GND).
5.1
I2C serial interface (CS = HIGH or unconnected CS)
The HTS221 I²C is a bus slave. The I²C is employed to write data into registers whose
content can also be read back.
The relevant I²C terminology is provided in Table 9.
There are two signals associated with the I²C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bi-directional line used for sending and receiving the data
to/from the interface. Both lines must be connected to VDD through pull-up resistors.
The I²C interface is compliant with fast mode (400 kHz) I²C standards as well as with normal
mode.
Table 8. Serial interface pin description
Pin name
Pin description
CS
I²C/SPI mode selection
1: SPI idle mode / I²C communication enabled
0: SPI communication mode / I²C disabled)
SCL/SPC
I²C serial clock (SCL)
SPI serial clock (SPC)
SDA/SDI/SDO
I²C serial data (SDA)
3-wire SPI serial data input /output (SDI/SDO)
Table 9. I2C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com