Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 11 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 7Page - STMicroelectronics HTS221 Datasheet HTML 8Page - STMicroelectronics HTS221 Datasheet HTML 9Page - STMicroelectronics HTS221 Datasheet HTML 10Page - STMicroelectronics HTS221 Datasheet HTML 11Page - STMicroelectronics HTS221 Datasheet HTML 12Page - STMicroelectronics HTS221 Datasheet HTML 13Page - STMicroelectronics HTS221 Datasheet HTML 14Page - STMicroelectronics HTS221 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID026333 Rev 4
11/33
HTS221
Sensor parameters and electrical specifications
33
2.2
Absolute maximum ratings
Stress above those listed as “Absolute maximum ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Table 7. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
VDD
Supply voltage
-0.3 to 4.8
V
VIN
Input voltage on any control pin
-0.3 to VDD +0.3
V
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com