Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 27 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 23Page - STMicroelectronics HTS221 Datasheet HTML 24Page - STMicroelectronics HTS221 Datasheet HTML 25Page - STMicroelectronics HTS221 Datasheet HTML 26Page - STMicroelectronics HTS221 Datasheet HTML 27Page - STMicroelectronics HTS221 Datasheet HTML 28Page - STMicroelectronics HTS221 Datasheet HTML 29Page - STMicroelectronics HTS221 Datasheet HTML 30Page - STMicroelectronics HTS221 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID026333 Rev 4
27/33
HTS221
Humidity and temperature data conversion
33
Step 1: Temperature conversion from ADC_OUT (LSB) to °C
Data to build the Temperature calibration curve are stored in device registers.
Linear interpolation (example)
Figure 9. Step 1: Linear interpolation to convert LSB to °C
Conclusion: current temperature is 15 °C.
Input temperature LSB (ADC)
Output temperature (°C)
T0_OUT = 300
(Msb T0_degC U T0_degC)_x8 = 80 °C => 80/8 =
10.0°C
T1_OUT = 500
(Msb T1_degC U T1_degC)_x8 = 160 °C => 160/8 =
20.0°C
Temperature conversion:
T_OUT = 400
T_degC_x8 =120 °C =>T_degC=120/8 = 15.0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com