Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 10 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 6Page - STMicroelectronics HTS221 Datasheet HTML 7Page - STMicroelectronics HTS221 Datasheet HTML 8Page - STMicroelectronics HTS221 Datasheet HTML 9Page - STMicroelectronics HTS221 Datasheet HTML 10Page - STMicroelectronics HTS221 Datasheet HTML 11Page - STMicroelectronics HTS221 Datasheet HTML 12Page - STMicroelectronics HTS221 Datasheet HTML 13Page - STMicroelectronics HTS221 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Sensor parameters and electrical specifications
HTS221
10/33
DocID026333 Rev 4
2.1.2
I²C - control interface
Subject to general operating conditions for VDD and TOP.
Figure 4. I²C slave timing diagram
Note:
Measurement points are done at 0.2·VDD and 0.8·VDD, for both ports.
Table 6. I²C slave timing values
Symbol
Parameter (1)
I²C standard
mode (1)
I²C fast mode (1)
Unit
Min.
Max.
Min.
Max.
f(SCL)
SCL clock frequency
0
100
0
400
kHz
tw(SCLL)
SCL clock low time
4.7
1.3
μs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0.01
3.45
0
0.9
μs
tr(SDA) tr(SCL) SDA and SCL rise time
1000
20 + 0.1Cb (2)
300
ns
tf(SDA) tf(SCL) SDA and SCL fall time
300
20 + 0.1Cb (2)
300
th(ST)
START condition hold time
4
0.6
μs
tsu(SR)
Repeated START condition setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP and
START condition
4.7
1.3
1. Data based on standard I²C protocol requirement, not tested in production.
2. Cb = total capacitance of one bus line, in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com