Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 3 Page - STMicroelectronics

  HTS221 Datasheet HTML 1Page - STMicroelectronics HTS221 Datasheet HTML 2Page - STMicroelectronics HTS221 Datasheet HTML 3Page - STMicroelectronics HTS221 Datasheet HTML 4Page - STMicroelectronics HTS221 Datasheet HTML 5Page - STMicroelectronics HTS221 Datasheet HTML 6Page - STMicroelectronics HTS221 Datasheet HTML 7Page - STMicroelectronics HTS221 Datasheet HTML 8Page - STMicroelectronics HTS221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DocID026333 Rev 4
3/33
HTS221
Contents
33
7.8
HUMIDITY_OUT_H (29h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
7.9
TEMP_OUT_L (2Ah) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
7.10
TEMP_OUT_H (2Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
8
Humidity and temperature data conversion . . . . . . . . . . . . . . . . . . . . . 26
9
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
9.1
HLGA-6L package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
9.2
HLGA-6L packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com