Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 5 Page - STMicroelectronics

  HTS221 Datasheet HTML 1Page - STMicroelectronics HTS221 Datasheet HTML 2Page - STMicroelectronics HTS221 Datasheet HTML 3Page - STMicroelectronics HTS221 Datasheet HTML 4Page - STMicroelectronics HTS221 Datasheet HTML 5Page - STMicroelectronics HTS221 Datasheet HTML 6Page - STMicroelectronics HTS221 Datasheet HTML 7Page - STMicroelectronics HTS221 Datasheet HTML 8Page - STMicroelectronics HTS221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DocID026333 Rev 4
5/33
HTS221
List of figures
33
List of figures
Figure 1.
HTS221 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin configuration (bottom view). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
SPI slave timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
HTS221 electrical connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
Figure 6.
SPI write protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 7.
Multiple byte SPI write protocol (2-byte example). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 8.
SPI read protocol in 3-wires mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Figure 9.
Step 1: Linear interpolation to convert LSB to °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 10.
Step 2: Linear interpolation to convert LSB to rH% . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 11.
HLGA-6L (2 x 2 x 0.9 mm) package outline and mechanical data . . . . . . . . . . . . . . . . . . . 29
Figure 12.
Carrier tape information for HLGA-6L package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 13.
HLGA-6L package orientation in carrier tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 14.
Reel information for carrier tape of HLGA-6L package. . . . . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com