Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS221 Datasheet(PDF) 23 Page - STMicroelectronics

Part # HTS221
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button HTS221 Datasheet HTML 19Page - STMicroelectronics HTS221 Datasheet HTML 20Page - STMicroelectronics HTS221 Datasheet HTML 21Page - STMicroelectronics HTS221 Datasheet HTML 22Page - STMicroelectronics HTS221 Datasheet HTML 23Page - STMicroelectronics HTS221 Datasheet HTML 24Page - STMicroelectronics HTS221 Datasheet HTML 25Page - STMicroelectronics HTS221 Datasheet HTML 26Page - STMicroelectronics HTS221 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID026333 Rev 4
23/33
HTS221
Register description
33
7.4
CTRL_REG2 (21h)
Control register 2
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up, the content of the Flash memory block is transferred to
the internal registers related to trimming functions to permit good behavior of the device
itself. If, for any reason, the content of the trimming registers is modified, it is sufficient to
use this bit to restore the correct values. When the BOOT bit is set to ‘1’ the content of the
internal Flash is copied inside the corresponding internal registers and is used to calibrate
the device. These values are factory trimmed and are different for every device. They permit
good behavior of the device and normally they should not be changed. At the end of the
boot process, the BOOT bit is set again to ‘0’.
The ONE_SHOT bit is used to start a new conversion. In this situation a single acquisition of
temperature and humidity is started when the ONE_SHOT bit is set to ‘1’. At the end of
conversion the new data are available in the output registers, the STATUS_REG[0] and
STATUS_REG[1] bits are set to ‘1’ and the ONE_SHOT bit comes back to ‘0’ by hardware.
The Heater bit is used to control an internal heating element, that can effectively be used to
speed up the sensor recovery time in case of condensation. The heater can be operated
only by an external controller, which means that it has to be switched on/off directly by FW.
Humidity and temperature output should not be read during the heating cycle; valid data can
be read out once the heater has been turned off, after the completion of the heating cycle.
Typical power consumption related to VDD is described in Table 18.
76543210
BOOT
Reserved
Heater
ONE_SHOT
[7]
BOOT: Reboot memory content
(0: normal mode; 1: reboot memory content)
[6:2]
Reserved
[1]
Heater
(0: heater disable; 1: heater enable)
[0]
One-shot enable
(0: waiting for start of conversion; 1: start for a new dataset)
Table 18. Typical power consumption with heater ON
VDD [V]
I [mA]
3.3
33
2.5
22
1.8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com