Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 23 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 19Page - Microchip Technology UCS1001-3 Datasheet HTML 20Page - Microchip Technology UCS1001-3 Datasheet HTML 21Page - Microchip Technology UCS1001-3 Datasheet HTML 22Page - Microchip Technology UCS1001-3 Datasheet HTML 23Page - Microchip Technology UCS1001-3 Datasheet HTML 24Page - Microchip Technology UCS1001-3 Datasheet HTML 25Page - Microchip Technology UCS1001-3 Datasheet HTML 26Page - Microchip Technology UCS1001-3 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
23
Revision 1.4 (07-16-13)
DATASHEET
3.1
ESD & Transient Performance
APPLICATION NOTE: Depending on the level of ESD protection required by the application, external protection
devices may be required. The datasheet ESD levels were reached using external devices
and standard USB-A connectors; refer to the EVB schematic and reference design for
details.
Note 3.3
Operational Classification B indicates that during and immediately after an ESD event,
anomalous behavior may occur; however, it is non-damaging and the device is self-
recovering. All IEC testing is performed using an SMSC evaluation board.
Note 3.4
Operational Classification A indicates that during and immediately after an ESD event no
anomalous behavior will occur. All IEC testing is performed using an SMSC evaluation
board.
3.1.1
Human Body Model (HBM) Performance
HBM testing verifies the ability to withstand ESD strikes like those that occur during handling and
manufacturing and is done without power applied to the IC. To pass the test, the device must have no
change in operation or performance due to the event.
3.1.2
Charged Device Model (CDM) Performance
CDM testing verifies the ability to withstand ESD strikes like those that occur during handling and
assembly with pick and place style machinery and is done without power applied to the IC. To pass
the test, the device must have no change in operation or performance due to the event.
3.1.3
IEC61000-4-2 Performance
The IEC61000-4-2 ESD specification is an international standard that addresses system-level immunity
to ESD strikes while the end equipment is operational. These tests are performed while the device is
powered.
Table 3.4 ESD Ratings
ESD SPEC
RATING OR VALUE
EN / IEC61000-4-2 (DPOUT, DMOUT pins) air gap,
Operational Classification B (see Note 3.3)
Level4(15kV)
EN / IEC61000-4-2 (DPOUT, DMOUT pins) direct contact,
Operational Classification B (see Note 3.3)
Level4(8 kV)
EN / IEC61000-4-2 (VBUS, GND pins) air gap,
Operational Classification A (see Note 3.4)
Level4(15 kV)
EN / IEC61000-4-2 (VBUS, GND pins) direct contact,
Operational Classification A (see Note 3.4)
Level4(8 kV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com