Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 39 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 39 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 35Page - Microchip Technology UCS1001-3 Datasheet HTML 36Page - Microchip Technology UCS1001-3 Datasheet HTML 37Page - Microchip Technology UCS1001-3 Datasheet HTML 38Page - Microchip Technology UCS1001-3 Datasheet HTML 39Page - Microchip Technology UCS1001-3 Datasheet HTML 40Page - Microchip Technology UCS1001-3 Datasheet HTML 41Page - Microchip Technology UCS1001-3 Datasheet HTML 42Page - Microchip Technology UCS1001-3 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
39
Revision 1.4 (07-16-13)
DATASHEET
Figure 6.2 shows operation of current limits while using CC mode. Unlike trip mode, once IBUS current
exceeds ILIM, operation continues at a reduced voltage and increased current. Note that the shaded
area representing the USB 2.0 specified VBUS range is now restricted to an upper current limit of
IBUS_R2MIN. Note that the UCS1001 will heat up along each load line as voltage decreases. If the
internal temperature exceeds the TREG or TTSD thresholds, the port power switch will open. Also note
that when the VBUS voltage is brought low enough, the port power switch will open.
6.3
Thermal Management and Voltage Protection
6.3.1
Thermal Management
The UCS1001 utilizes two-stage internal thermal management. The first is named dynamic thermal
management and the second is a fixed thermal shutdown.
Figure 6.2 Constant Current Limiting (Variable Slope) Operation
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
5.25
4.75
0
0
0.9
1.2
1.2
1.0
0.9
0.5
1.5
IBUS_R2MIN
1.8
1.8
2.0
2.5
IBUS (Amps)
ILIM (Amps)
= ILIM’s
Constant
resistance IBUS
operation line 1
(ILIM = 0.5 A)
Constant resistance
IBUS operation line 5
(ILIM = 1.5 A*)
CC Mode - Power switch current increases as
voltage decreases when ILIM is exceeded
following constant resistance lines
*1.5 A limit reduced by -3.5% internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com