Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 30 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 26Page - Microchip Technology UCS1001-3 Datasheet HTML 27Page - Microchip Technology UCS1001-3 Datasheet HTML 28Page - Microchip Technology UCS1001-3 Datasheet HTML 29Page - Microchip Technology UCS1001-3 Datasheet HTML 30Page - Microchip Technology UCS1001-3 Datasheet HTML 31Page - Microchip Technology UCS1001-3 Datasheet HTML 32Page - Microchip Technology UCS1001-3 Datasheet HTML 33Page - Microchip Technology UCS1001-3 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
30
SMSC UCS1001
DATASHEET
4.1.2
Sleep State Operation
When the UCS1001 is in the Sleep state, the device will be in its lowest power state. The high-speed
switch, bypass switch, and the port power switch will be disabled. The Attach and Removal Detection
feature will be disabled. VBUS will be near ground potential. The ALERT# pin will not be asserted. If
asserted prior to entering the Sleep state, the ALERT# pin will be released. The A_DET# pin will be
released.
Figure 4.5 shows timing diagrams for waking the UCS1001.
4.1.3
Detect State Operation
When the UCS1001 is in the Detect state, the port power switch will be disabled. The high-speed
switch is also disabled. The VBUS output will be connected to the VDD voltage by a secondary bypass
switch (see Chapter 7, Detect State).
There is one non-recommended configuration which places the UCS1001 in the Detect state, but
VBUS will not be discharged and a portable device attachment will not be detected. For the
recommended configurations, see Table 4.1, "Power States Control Settings".
NOT RECOMMENDED: PWR_EN is enabled, S0 = ‘1’, and M1, M2, and EM_EN are all ‘0’.
There are two methods for transitioning from the Detect state to the Active state: automatic and host-
controlled.
4.1.3.1
Automatic Transition from Detect to Active
For the Detect state, set S0 to ‘1’, enable PWR_EN, set the EM_EN, M1, and M2 controls to the
desired Active mode (Table 9.1, "Active Mode Selection"), and supply VS > VS_UVLO. When a portable
device is attached and an Attach Detection event occurs, the UCS1001 will automatically transition to
the Active state and operate according to the selected Active mode.
Figure 4.5 Wake Timing
M1 or M2
Port power switch closed
(Active state)
tPIN_WAKE
Wake with M1 or M2 to Active State Data Pass-through Mode
(PWR_EN enabled, S0 = ‘0’, EM_EN = ‘0’, VS > VS_UVLO)
S0
Bypass switch closed
(Detect state)
tPIN_WAKE
Wake with S0
(VS > VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data Pass-through)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com