Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 49Page - Microchip Technology UCS1001-3 Datasheet HTML 50Page - Microchip Technology UCS1001-3 Datasheet HTML 51Page - Microchip Technology UCS1001-3 Datasheet HTML 52Page - Microchip Technology UCS1001-3 Datasheet HTML 53Page - Microchip Technology UCS1001-3 Datasheet HTML 54Page - Microchip Technology UCS1001-3 Datasheet HTML 55Page - Microchip Technology UCS1001-3 Datasheet HTML 56Page - Microchip Technology UCS1001-3 Datasheet HTML 57Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
57
Revision 1.4 (07-16-13)
DATASHEET
Table 4.1, "Power States
Control Settings",
Section 4.1.2, "Sleep State
Operation",
Section 5.1, "USB High-
speed Data Switch"
The high-speed switch is open in Sleep.
Section 4.2.2, "VS Source
Voltage"
Added.
Cover, Section 9.11.3,
"Legacy 1, 3, 4, and 6
Charger Emulation Profiles"
Legacy 6 profile has been defined.
Revision 1.1
(11-21-11)
cont.
Section 9.4, "Data Pass-
through (No Charger
Emulation)"
Data Pass-through persists until M1, M2, or EM_EN controls
are changed. It is no longer affected by PWR_EN. Added
application note: When the M1, M2, and EM_EN controls are
set to ‘0’, ‘1’, ‘0’ or to ‘1’, ‘1’, ‘0’ respectively, Data Pass-
through mode will persist if the PWR_EN control is disabled;
however, the UCS1001 will draw more current. To leave Data
Pass-through mode, the PWR_EN control must be enabled
before the M1, M2, and EM_EN controls are changed to the
desired mode.
Section 9.6, "BC1.2 CDP"
BC1.2 CDP mode uses constant current limiting. Added
application note: BC1.2 compliance testing may require the
S0 control to be set to ‘0’ (Attach and Removal Detection
feature disabled) while testing is in progress.
Added application note: When the UCSX100X is in BC1.2
CDP mode and the Attach and Removal Detection feature is
enabled, if a power thief, such as a USB light or fan, attaches
but does not assert DP, a Removal event will not occur when
the portable device is removed. However, if a standard USB
device is subsequently attached, Removal Detection will
again be fully functional. As well, if PWR_EN is cycled or M1,
M2, and / or EM_EN change state, a Removal event will
occur and Attach Detection will be reactivated.
Section 9.7, "BC1.2 DCP"
Added application note: BC1.2 compliance testing may
require the S0 control to be set to ‘0’ (Attach and Removal
Detection feature disabled) while testing is in progress.
Table 9.2, "Current Limit
Mode Options"
BC1.2 CDP charger emulation changed from using “trip” to
“CC mode if ILIM < 1.5 A, otherwise, trip mode”.
Section 9.11.4, "Legacy 5
Charger Emulation Profile"
Added. The Legacy 5 charger emulation profile no longer
applies a voltage divider. It applies 900 mV to DPOUT and
DMOUT.
Revision 1.0
(08-18-11)
Initial Release
Table 11.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com