Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 41 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 37Page - Microchip Technology UCS1001-3 Datasheet HTML 38Page - Microchip Technology UCS1001-3 Datasheet HTML 39Page - Microchip Technology UCS1001-3 Datasheet HTML 40Page - Microchip Technology UCS1001-3 Datasheet HTML 41Page - Microchip Technology UCS1001-3 Datasheet HTML 42Page - Microchip Technology UCS1001-3 Datasheet HTML 43Page - Microchip Technology UCS1001-3 Datasheet HTML 44Page - Microchip Technology UCS1001-3 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
41
Revision 1.4 (07-16-13)
DATASHEET
6.4
VBUS Discharge
The UCS1001 will discharge VBUS through an internal 100 Ω resistor when at least one of the following
conditions occurs:
The PWR_EN control is disabled (triggered on the inactive edge of the PWR_EN control).
A portable device Removal Detection event is flagged.
The VS voltage drops below a specified threshold (VS_UVLO) that causes the port power switch to
be disabled.
When commanded into the Sleep power state via the EM_EN, M1, and M2 controls.
Before each charger emulation profile is applied.
Upon recovery from the Error state.
Any time that the port power switch is activated after the VBUS bypass switch has been on (i.e.,
whenever VBUS voltage transitions from being driven from VDD to being driven from VS, such as
going from Detect to Active power state).
Any time that the VBUS bypass switch is activated after the port power switch has been on (i.e.,
going from Active to Detect power state).
When the VBUS discharge circuitry is activated, the UCS1001 will confirm that VBUS was discharged.
If the VBUS voltage is not below the VTEST level, a discharge error will be flagged and the UCS1001
will enter the Error state.
6.5
Fault Handling Mechanism
The UCS1001 has two modes for handling faults: Latch (latch-upon-fault) or Auto-recovery
(automatically attempt to restore the Active power state after a fault occurs). The fault handling
mechanism used depends on the state of the LATCH pin. Faults include over-current, over-voltage (on
VS), under-voltage (on VBUS), back-voltage (VBUS to VS or VBUS to VDD), discharge error, and
maximum allowable internal die temperature (TTSD) exceeded (see Section 4.1.5, "Error State
Operation").
6.5.1
Auto-recovery Fault Handling
When the LATCH pin is low, auto-recovery fault handling is used. When an error condition is detected,
the UCS1001 will immediately enter the Error state and assert the ALERT# pin (see Section 4.1.5).
Independently from the host controller, the UCS1001 will wait a preset time (tCYCLE), check error
conditions (tTST), and restore Active operation if the error condition(s) no longer exist. The ALERT#
pin will be released.
6.5.2
Latched Fault Handling
When the LATCH pin is high, latch fault handling is used. When an error condition is detected, the
UCS1001 will enter the Error power state and assert the ALERT# pin. Upon command from the host
controller (by toggling the PWR_EN from enabled to disabled), the UCS1001 will check error
conditions once and restore Active operation if error conditions no longer exist. If an error condition
still exists, the host controller is required to issue the command again to check error conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com