Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 17 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 13Page - Microchip Technology UCS1001-3 Datasheet HTML 14Page - Microchip Technology UCS1001-3 Datasheet HTML 15Page - Microchip Technology UCS1001-3 Datasheet HTML 16Page - Microchip Technology UCS1001-3 Datasheet HTML 17Page - Microchip Technology UCS1001-3 Datasheet HTML 18Page - Microchip Technology UCS1001-3 Datasheet HTML 19Page - Microchip Technology UCS1001-3 Datasheet HTML 20Page - Microchip Technology UCS1001-3 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1001
17
Revision 1.4 (07-16-13)
DATASHEET
Total Jitter
tJ
200
ps
RTERM = 50 Ω, CLOAD = 5 pF,
rise time = fall time = 500 ps at
480 Mbps (PRBS = 215 - 1)
Skew of Opposite
Transitions of the Same
Output
tSK(P)
20
ps
RTERM = 50 Ω, CLOAD = 5 pF
Port Power Switch
Port Power Switch - DC Parameter
Over-voltage Lockout
VS_OV
6V
On Resistance
RON_PSW
55
65
m
Ω
4.75 V < VS < 5.25 V
VS Leakage Current
ILEAK_VS
2.2
5
µA
Sleep state
into VS pin
Back-voltage Protection
Threshold
VBV_TH
150
mV
VBUS > VS
VS > VS_UVLO
Back-drive Current
IBD_1
0
3
µA
VDD < VDD_TH,
Any powered power pin to any
unpowered power pin. Current
out of unpowered pin.
IBD_2
0
2
µA
VDD > VDD_TH,
Any powered power pin to any
unpowered power pin, except
for VDD to VBUS in Detect
power state and VS to VBUS in
Active power state. Current out
of unpowered pin.
Table 3.3 Electrical Specifications (continued)
VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V, = -40°C to
all Typical values at VDD = VS = 5 V, TA = 27 °C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com