Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 40 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 40 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 36Page - Microchip Technology UCS1001-3 Datasheet HTML 37Page - Microchip Technology UCS1001-3 Datasheet HTML 38Page - Microchip Technology UCS1001-3 Datasheet HTML 39Page - Microchip Technology UCS1001-3 Datasheet HTML 40Page - Microchip Technology UCS1001-3 Datasheet HTML 41Page - Microchip Technology UCS1001-3 Datasheet HTML 42Page - Microchip Technology UCS1001-3 Datasheet HTML 43Page - Microchip Technology UCS1001-3 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
40
SMSC UCS1001
DATASHEET
6.3.1.1
Dynamic Thermal Management
For the first stage (active in both current limiting modes), referred to as dynamic thermal management,
the UCS1001 automatically adjusts port power switch limits and modes to lower power dissipation
when the thermal regulation temperature value is approached, as described below.
If the internal temperature exceeds the TREG value, the port power switch is opened, the current limit
(ILIM) will be lowered by one step and a timer is started (tDC_TEMP). When this timer expires, the port
power switch is closed and the internal temperature will be checked again. If it remains above the TREG
threshold, the UCS1001 will repeat this cycle (open port power switch and reduce the ILIM setting by
one step) until ILIM reaches its minimum value.
APPLICATION NOTE: If the temperature exceeds the TREG threshold while operating in the DCE Cycle mode after
a charger emulation profile has been accepted, the profile will be removed. The UCS1001
will not restart the DCE Cycle until one of the control inputs changes states to restart
emulation.
APPLICATION NOTE: The UCS1001 will not actively discharge VBUS as a result of the temperature exceeding
TREG; however, any load current provided by a portable device or other load will cause
VBUS to be discharged when the port power switch is opened, possibly resulting in an
attached portable device resetting.
If the UCS1001 is operating using constant current limiting (variable slope) and the ILIM setting has
been reduced to its minimum set point and the temperature is still above TREG, the UCS1001 will
switch to operating using trip current limiting. This will be done by reducing the IBUS_R2MIN setting to
100 mA and restoring the ILIM setting to the value immediately below the programmed setting (e.g., if
the programmed ILIM is 1.8 A, the value will be set to 1.5 A). If the temperature continues to remain
above TREG, the UCS1001 will continue this cycle (open the port power switch and reduce the ILIM
setting by one step).
If the UCS1001 internal temperature drops below TREG - TREG_HYST, the UCS1001 will take action
based on the following:
1. If the current limit mode changed from CC mode to trip mode, then a timer is started. When this
timer expires, the UCS1001 will reset the port power switch operation to its original configuration
allowing it to operate using constant current limiting (variable slope).
2. If the current limit mode did not change from CC mode to trip mode, or was already operating in
trip mode, the UCS1001 will reset the port power switch operation to its original configuration.
If the UCS1001 is operating using trip current limiting and the ILIM setting has been reduced to its
minimum set point and the temperature is above TREG, the port power switch will be closed and the
current limit will be held at its minimum setting until the temperature drops below TREG - TREG_HYST.
6.3.1.2
Thermal Shutdown
The second stage thermal management consists of a hardware implemented thermal shutdown
corresponding to the maximum allowable internal die temperature (TTSD). If the internal temperature
exceeds this value, the port power switch will immediately be turned off until the temperature is below
TTSD - TTSD_HYST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com