Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1001-3 Datasheet(PDF) 46 Page - Microchip Technology

Part # UCS1001-3
Description  USB Port Power Controller with Charger Emulation
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-3 Datasheet(HTML) 46 Page - Microchip Technology

Back Button UCS1001-3 Datasheet HTML 42Page - Microchip Technology UCS1001-3 Datasheet HTML 43Page - Microchip Technology UCS1001-3 Datasheet HTML 44Page - Microchip Technology UCS1001-3 Datasheet HTML 45Page - Microchip Technology UCS1001-3 Datasheet HTML 46Page - Microchip Technology UCS1001-3 Datasheet HTML 47Page - Microchip Technology UCS1001-3 Datasheet HTML 48Page - Microchip Technology UCS1001-3 Datasheet HTML 49Page - Microchip Technology UCS1001-3 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
46
SMSC UCS1001
DATASHEET
8.8.2
Emulation Cycling
In Dedicated Charger Emulation Cycle mode, the charger emulation profiles will be applied in the
following order:
1. Legacy 1
2. Legacy 2
3. Legacy 3
4. Legacy 4
5. Legacy 5
6. Legacy 6
7. Legacy 7
APPLICATION NOTE: If S0=’0’ and a portable device is not attached in DCE Cycle mode, the UCS1001 will be
cycling through charger emulation profiles. There is no guarantee which charger emulation
profile will be applied first when a portable device attaches.
The UCS1001 will apply a charger emulation profile until one of the following exit conditions occurs:
1. Current greater than IBUS_CHG is detected flowing out of VBUS at the respective emulation timeout
time. In this case, the profile is assumed to be accepted and no other profiles will be applied.
2. The respective emulation timeout (tEM_TIMEOUT) time is reached without current that exceeds the
IBUS_CHG limit flowing out of VBUS. The profile is assumed to be rejected, and the UCS1001 will
perform emulation reset and apply the next profile, if there is one.
8.8.3
DCE Cycle Retry
If none of the charger emulation profiles cause a charge current to be drawn, the UCS1001 will perform
emulation reset and cycle through the profiles again. The UCS1001 will continue to cycle through the
profiles so as long as charging current is not drawn and the PWR_EN control is enabled.
8.9
Current Limit Mode Associations
The UCS1001 will close the port power switch and use the current limiting mode as shown in Table 8.2.
Table 8.2 Current Limit Mode Options
ACTIVE MODE
CURRENT LIMIT MODE
Data Pass-through
Trip mode
BC1.2 SDP
Trip mode
BC1.2 CDP
CC mode if ILIM < 1.5 A, otherwise, trip mode
BC1.2 DCP
CC mode if ILIM < 1.5 A, otherwise, trip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com