Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 25 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 21Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 22Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 23Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 24Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 25Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 26Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 27Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 28Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
25
January 28, 2016
Logical
EEPROM
Address
Bit
Position
EEPROM Cell Content
Description
6
4
S_flag_5
Swap-flag 5
3 to 0
DI_S5 [3:0]
Data Input word 5 from Safety Code Table
7
4
S_flag_6
Swap-flag 6
3 to 0
DI_S6 [3:0]
Data Input word 6 from Safety Code Table
8
4
S_flag_7
Swap-flag 7
3 to 0
DI_S7 [3:0]
Data Input word 7 from Safety Code Table
31
1
Safety_Mode_Enable
If set, Safety Mode is enabled
0
Safety_Program_Mode_Disable
If set, Safety Area is protected against overwriting
Similar to the Firmware Area programming, Safety Area programming is intended to be used only during
production set-up of a slave component at the manufacturer’s site. Write access to the Safety Area of the
EEPROM is possible in the Safety Program Mode. It can be entered only if the Safety_Program_Mode_Disable
flag is not yet set to ‘1’ and if the slave address has been set to 0HEX. If the slave address equals 0HEX, the
reception of the Enter_Program_Mode_Safety (PRGM) call sets the SAP5 device into the Safety Program Mode.
It should be noted that no response is generated to the Enter_Program_Mode_Safety call (refer to the
AS-Interface Complete Specification).
In the Safety Program Mode, the Write_Parameter (WPAR) and Data_Exchange (DEXG) calls are used to
transfer data words to the EEPROM similar to the Firmware Area write procedure described in section 4.3.
However, the address bits A[4:0] of the master telegrams are used to address one of the memory locations of the
EEPROM (refer to Table 4.4). The information bits I[4:0] (normally used for output data) carry the data to be
stored.
Any WPAR or DEXG call initializes an autonomous write process within the SAP5. The status of the write process
can be monitored by evaluating the status register of the SAP5 as described in section 4.1. Since the SAP5 is still
in Safety Program Mode, the address within the Read_Status master call has the “don’t care” status. In order to
execute as many write procedures as desired, do not leave the Safety Program Mode until finished.
Note: The SAP5 will leave the Safety Program Mode and start its initialization procedure if it receives a
Reset_Slave (RES) master call to any desired slave address.
Any attempt to access one of the unavailable EEPROM address locations (0, 9 to 30) of the Safety Area via a
Write_Parameter (WPAR) or Data_Exchange (DEXG) command will be ignored.
There is no direct read access to the Safety Area data in Safety Program Mode.
After programming the Safety Area, an EEPROM verification procedure should be performed; i.e., by performing
one complete AS-i safety cycle (8 DEXG calls at intervals of at least 250µs) in Safety Mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com