Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-A-G1-R Datasheet(PDF) 59 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 59 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 55Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 56Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 57Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 58Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 59Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 60Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 61Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 62Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 63Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
59
January 28, 2016
Figure 6.3
SAP5 Master Mode Application
U_EXT
SEND
RECEIVE
/POWER_FAIL
GND_EXT
+Ub
VO
GND
+Ub
VO
GND
+Ub
VO
GND
5.33/
16MHz
1N4001
ZMM 39
100nF
ASI+
ASI-
OSC1
OSC2
LTGP
CDC
LTGN
LED2
LED1
PSTBn/APF
P0
P1
P2
P3
DSTBn/RESETn
D0
D1
D2
D3
U5R
UOUT
10µF
100nF
+Ub
VO
GND
/RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com